Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTO30 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LTO30
Description  30 Watt Power Resistor Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO30 Datasheet(HTML) 3 Page - Vishay Siliconix

  LTO30 Datasheet HTML 1Page - Vishay Siliconix LTO30 Datasheet HTML 2Page - Vishay Siliconix LTO30 Datasheet HTML 3Page - Vishay Siliconix LTO30 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For technical questions, contact sfer@vishay.com
Document Number: 50049
Revision 30-May-06
www.vishay.com
16
LTO 30
Vishay Sfernice
MODEL
STYLE CONNECTIONS
RESISTANCE
VALUE
TOL PACK LEAD FREE
ORDERING INFORMATION
LTO
30
F
100 k
Ω
± 1 %
xxx
TU50
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE VALUE
TOLERANCE
CUSTOM DESIGN
PACKAGING
LEAD (Pb)-FREE
± 1 %
Optional
± 2 %
on request:
± 5 %
special TCR,
± 10 %
shape etc.
30 Watt Power Resistor Thick Film Technology
PACKAGING
Tube of 50 units
OVERLOADS
In any case the applied voltage must be lower than the maximum overload voltage of 375 V.
The values indicated on the graph below are applicable to resistors in air or mounted onto a heatsink.
POWER RATING CHART
The temperature of the case should be maintained within the limits specified.
To improve the thermal conductivity, surfaces in contact should be coated with a silicone grease and the torque applied on the
screw for tightening should be around 1 Nm.
10
-6
10
-5
10
-4
10
-3
10
-2
OVERLOAD DURATION IN SECONDS
ENERGY CURVE
0
20
40
60
80
100
120
140
155
100
75
50
25
0
CASE TEMPERATURE IN DEGREES CELSIUS
0.01
0.1
1
10
MARKING
Model, Style, Resistance Value (in
Ω), Tolerance (in %), Manufacturing Date, VISHAY trademark.
SAP Part Number LTO030F10002FTE3
SAP PART NUMBERING GUIDELINES
L
T
O
0
3
0
F
1
0
0
0
2
F
T
E
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com