Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF20-R4 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # DPF20-R4
Description  Panel Meter for Frequency, Rate, Total or Period Counter 6-Digit, 1⁄8 DIN Panel Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DPF20-R4 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  DPF20-R4 Datasheet HTML 1Page - Omega Engineering, Inc. DPF20-R4 Datasheet HTML 2Page - Omega Engineering, Inc. DPF20-R4 Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Option
R1
T1
SSR
A0
RTU
Main Function
Relay Output
Transistor Output
SSR Control
Output
Analog Output
Modbus Rtu
Characteristics 3 terminals (NC,
NO, common)
250 Vac, max. 8A
Open Collector
Output to control
SSR relay with
DC signal I/P
Output 4 to 20 mA
active or passive.
0 to 10 Vdc
Function 4 Read_
Input_Registers
Isolation
3500 Vac
3500 Vdc
opto-isolated
1000 Vdc
Specification
Max. current: 8 A
(resistive load).
Max. Voltage:
250 Vac
continuous
Type of output:
Transistor.
Max voltage:
35 Vdc.
Max. current:
50 mA.
opto-isolated
Type of output:
DC Pulse
Output voltage:
+15 Vdc
Max. current:
45 mA
Load
impedances:
≤350 Ω (for
4 to 20 mA
active) ≤800 Ω
(passive)
Max. external
voltage: 27 Vdc.
≥10 K Ω 0 to
10 Vdc
Accuracy: <0.1%
FS.
Thermal stability:
60 ppm/ºC mA;
50 ppm/ºC Vdc.
Step response:
<75mS (to 99%).
Factory default
setting: 0-9999 =
4 to 20 mA
On error: FS
Addresses:
01 to 247.
Bus: RS485.
Speed: 57.6 Kbps
to 600 bps.
Data format: 8e1
(standard), 8o1,
8n2.
Factory
configuration:
Address 1;
Speed 19.2 Kbps;
Format 8e1;
Decimal point
Auto
Option
S4
S2
R4
R6
Main Function
RS485 ASCII
RS232 ASCII
4 Relays
6 Relays
Characteristics
ASCII Protocol
Retransmission of
signal to allow
“Daisy Chaining”
3 terminals (NC, NO,
common) 250 Vac,
max. 6A
3 terminals (NC, NO,
common) 250 Vac,
max. 6A
Isolation
1000 Vdc
2500 Vac
Specification
Speed: 57.6 Kbps to
600 bps.
Data format: 8n1,
8o1, 8n2, 8e1.
Bus terminator: not
included.
Protocol: ASCII.
Architecture: master
- slave.
Addresses: 01 to 31.
Broadcast address:
128.
Factory
configuration:
Mode Slave;
Address 1;
Speed 19.2 Kbps;
Format 8n1;
Decimal point Auto;
Mode Master;
Destination
address 31;
Frequency 0.5 sec;
Decimal point Auto;
Answer delay 0 mS.
Speed: 57.6 kbps to
600 bps.
Data format: 8n1
(standard), 8o1, 8n2,
8e1.
Protocol: ASCII.
Architecture: master
- slave.
Address: 01 to 31.
Broadcast address:
128
Max. current: 6 A
(resistive load).
Occupies 2 option
slots.
3rd slot only
available for AO,
RTU, S4 or S2
Max. current: 6 A
(resistive load).
Occupies all 3 option
slots.
No other options
available.
Output and Communications Options (Up to 3 slots, field installable)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com