Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF20-R4 Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # DPF20-R4
Description  Panel Meter for Frequency, Rate, Total or Period Counter 6-Digit, 1⁄8 DIN Panel Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DPF20-R4 Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  DPF20-R4 Datasheet HTML 1Page - Omega Engineering, Inc. DPF20-R4 Datasheet HTML 2Page - Omega Engineering, Inc. DPF20-R4 Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Feature
Description
Scaling
Multiply, divide and preset values
Alarms
• Configure a second setpoint in the same alarm, to create “alarm windows”
• Configure independent activation and deactivation delays
• Configure hysteresis
• Configure alarm to activate as high or low
• Failsafe function – normally closed relay requires activation for non-alarm condition
• Latched alarms function – operator reset required
• Counter Reset, Stop or Continue
• Configurable hysteresis
Power Up Delay
Allows for a delay in the start-up time after powering the instrument. During this time the
instrument performs no measurement or control. Ability to reset the display count on
instrument start-up.
Display Brightness Select from 5 levels of LED intensity.
Password
Password protect the configuration menu. This blocks access to the instrument set-up
parameters, but the operator can still access set-point values.
Max/Min Memory
Front panel key selection of display minimum or maximum values
Sensor Type
The fast and simple way to configure a sensor. Select from a predefined list Eg. NPN, PNP,
Namur, pick-up, inductive, etc. The instrument will automatically configure the required
parameters for the selected sensor (pull-up / pull-down resistors, trigger level, excitation
voltage, etc)
Trigger Sense
Simple selection of the optimal trigger level for the sensor input. The display indicates up or
down reflecting the status of the input signal level. When the LED changes state
continuously the optimal trigger level has been achieved.
DPF20 Performance
To Order
Model No.
Description
DPF20-HV
Frequency panel meter, 85 to 260 Vac powered
DPF20-LV
Frequency panel meter, 11 to 60 Vdc powered
Plug-in Option Cards
DPF20-AO
Analog output
DPF20-RTU
Modbus RTU
DPF20-S4
RS485 ASCII
DPF20-S2
RS232 ASCII
DPF20-T1
Open collector output
DPF20-SSR
SSR drive (DC pulse)
DPF20-R1
Single relay output
DPF20-R4
4 relay output
DPF20-R6
6 relay output
Accessories
DP20-BTC-2
Benchtop case with handle/tilt stand for 1⁄8 DIN panel meters. Includes 2 cable glands on
rear panel
DP20-WME-2
NEMA 4 (IP65) wall-mount ABS enclosure, 175 W x 125 H x 125 mm D
(6.9 x 4.9 x 4.9") with 2 glands for cable entry
To order with optional green display add suffix
“-GN” to meter model number. Contact sales for pricing. Additional 2 weeks delivery.
To order with plain front lens (no operator access to buttons) add suffix
“-NBT” to meter model number. Contact sales for pricing.
Comes with unit of measurement stickers, panel mounting clips, and installation/operator’s manual.
Order Example: DPF20-LV-GN-NBT, 6-digit frequency panel meter, 11 to 60 Vdc powered, with green display and plain front lens.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com