Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2002D/T Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2002D/T
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2002D/T Datasheet(HTML) 2 Page - Texas Instruments

  BQ2002D/T Datasheet HTML 1Page - Texas Instruments BQ2002D/T Datasheet HTML 2Page - Texas Instruments BQ2002D/T Datasheet HTML 3Page - Texas Instruments BQ2002D/T Datasheet HTML 4Page - Texas Instruments BQ2002D/T Datasheet HTML 5Page - Texas Instruments BQ2002D/T Datasheet HTML 6Page - Texas Instruments BQ2002D/T Datasheet HTML 7Page - Texas Instruments BQ2002D/T Datasheet HTML 8Page - Texas Instruments BQ2002D/T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Pin Descriptions
TM
Timer mode input
A three-level input that controls the settings
for the fast charge safety timer, voltage ter-
mination mode, top-off, pulse-trickle, and
voltage hold-off time.
LED
Charging output status
Open-drain output that indicates the charging
status.
BAT
Battery input voltage
The battery voltage sense input. The input
to this pin is created by a high-impedance re-
sistor divider network connected between
the positive and negative terminals of the
battery.
VSS
System ground
TS
Temperature sense input
Input for an external battery temperature
monitoring thermistor.
VCC
Supply voltage input
5.0V
±20% power input.
INH
Charge inhibit input
When high, INH suspends the fast charge in
progress.
When returned low, the IC re-
sumes operation at the point where initially
suspended.
CC
Charge control output
An open-drain output used to control the
charging current to the battery. CC switch-
ing to high impedance (Z) enables charging
current to flow, and low to inhibit charging
current. CC is modulated to provide top-off,
if enabled, and pulse trickle.
Functional Description
Figures 2 and 3 show state diagrams of bq2002D/T and
Figure 4 shows the block diagram of the bq2002D/T.
Battery Voltage and Temperature
Measurements
Battery voltage and temperature are monitored for
maximum allowable values. The voltage presented on
the battery sense input, BAT, should represent a
single-cell potential for the battery under charge.
A
resistor-divider ratio of
RB1
RB2
=N-1
is recommended to maintain the battery voltage within
the valid range, where N is the number of cells, RB1 is
the resistor connected to the positive battery terminal,
and RB2 is the resistor connected to the negative bat-
tery terminal. See Figure 1.
2
bq2002D/T
F2002DT1.eps
bq2002D/T
BAT
VSS
N
T
C
bq2002D/T
VCC
VCC
PACK +
TS
VSS
BAT pin connection
Thermistor connection
TM
NTC = negative temperature coefficient thermistor.
RT1
RT2
R3
R4
RB1
RB2
Mid-level
setting for TM
Figure 1. Voltage and Temperature Monitoring and TM Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com