Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2002D/T Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ2002D/T
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2002D/T Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2002D/T Datasheet HTML 6Page - Texas Instruments BQ2002D/T Datasheet HTML 7Page - Texas Instruments BQ2002D/T Datasheet HTML 8Page - Texas Instruments BQ2002D/T Datasheet HTML 9Page - Texas Instruments BQ2002D/T Datasheet HTML 10Page - Texas Instruments BQ2002D/T Datasheet HTML 11Page - Texas Instruments BQ2002D/T Datasheet HTML 12Page - Texas Instruments BQ2002D/T Datasheet HTML 13Page - Texas Instruments BQ2002D/T Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
D
E1
E
C
e
L
G
B
A
A1
B1
S
8-Pin DIP (PN)
8-Pin PN (0.300" DIP)
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.160
0.180
4.06
4.57
A1
0.015
0.040
0.38
1.02
B
0.015
0.022
0.38
0.56
B1
0.055
0.065
1.40
1.65
C
0.008
0.013
0.20
0.33
D
0.350
0.380
8.89
9.65
E
0.300
0.325
7.62
8.26
E1
0.230
0.280
5.84
7.11
e
0.300
0.370
7.62
9.40
G
0.090
0.110
2.29
2.79
L
0.115
0.150
2.92
3.81
S
0.020
0.040
0.51
1.02
bq2002D/T
8-Pin SOIC Narrow (SN)
8-Pin SN (0.150" SOIC)
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.060
0.070
1.52
1.78
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.18
0.25
D
0.185
0.200
4.70
5.08
E
0.150
0.160
3.81
4.06
e
0.045
0.055
1.14
1.40
H
0.225
0.245
5.72
6.22
L
0.015
0.035
0.38
0.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com