Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT273 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74FCT273
Description  BiCMOS OCTAL D-TYPE FLIP-FLOP WITH RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT273 Datasheet(HTML) 3 Page - Texas Instruments

  CD74FCT273 Datasheet HTML 1Page - Texas Instruments CD74FCT273 Datasheet HTML 2Page - Texas Instruments CD74FCT273 Datasheet HTML 3Page - Texas Instruments CD74FCT273 Datasheet HTML 4Page - Texas Instruments CD74FCT273 Datasheet HTML 5Page - Texas Instruments CD74FCT273 Datasheet HTML 6Page - Texas Instruments CD74FCT273 Datasheet HTML 7Page - Texas Instruments CD74FCT273 Datasheet HTML 8Page - Texas Instruments CD74FCT273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CD74FCT273
BiCMOS OCTAL D-TYPE FLIP-FLOP
WITH RESET
SCBS737A – JULY 2000 – REVISED JULY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
DC supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC input diode current, IIK (VI < –0.5 V)
–20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC output diode current, IOK (VO < –0.5 V)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC output sink current per output pin, IOL
70 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC output source current per output pin, IOH
–30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC, ICC
140 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through GND
400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): E package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 2)
MIN
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
–15
mA
IOL
Low-level output current
48
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
0
70
°C
NOTE 2: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating temperature range (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
MIN
MAX
UNIT
VIK
II = –18 mA
4.75 V
–1.2
–1.2
V
VOH
IOH = –15 mA
4.75 V
2.4
2.4
V
VOL
IOL = 48 mA
4.75 V
0.55
0.55
V
II
VI = VCC or GND
5.25 V
±0.1
±1
mA
IOZ
VO = VCC or GND
5.25 V
±0.5
±10
mA
IOS‡
VI = VCC or GND,
VO = 0
5.25 V
–60
–60
mA
ICC
VI = VCC or GND,
IO = 0
5.25 V
8
80
mA
∆ICC§
One input at 3.4 V,
Other inputs at VCC or GND
5.25 V
1.6
1.6
mA
Ci
VI = VCC or GND
10
pF
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed 100 ms.
§ This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com