Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT273 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT273
Description  BiCMOS OCTAL D-TYPE FLIP-FLOP WITH RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT273 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT273 Datasheet HTML 1Page - Texas Instruments CD74FCT273 Datasheet HTML 2Page - Texas Instruments CD74FCT273 Datasheet HTML 3Page - Texas Instruments CD74FCT273 Datasheet HTML 4Page - Texas Instruments CD74FCT273 Datasheet HTML 5Page - Texas Instruments CD74FCT273 Datasheet HTML 6Page - Texas Instruments CD74FCT273 Datasheet HTML 7Page - Texas Instruments CD74FCT273 Datasheet HTML 8Page - Texas Instruments CD74FCT273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CD74FCT273
BiCMOS OCTAL D-TYPE FLIP-FLOP
WITH RESET
SCBS737A – JULY 2000 – REVISED JULY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Direct Clear Input
D 48-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V
D Controlled Output Edge Rates
D Input/Output Isolation From VCC
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
D Package Options Include Plastic
Small-Outline (M) Package and Standard
Plastic (E) DIP
description
The CD74FCT273 is a positive-edge-triggered, D-type flip-flop with a direct clear (CLR) input. This device uses
a small-geometry BiCMOS technology. The output stage is a combination of bipolar and CMOS transistors that
limits the output high level to two diode drops below VCC. This resultant lowering of output swing (0 V to 3.7 V)
reduces power-bus ringing [a source of electromagnetic interference (EMI)] and minimizes VCC bounce and
ground bounce and their effects during simultaneous output switching. The output configuration also enhances
switching speed and is capable of sinking 48 mA.
Information at the data (D) inputs meeting the setup time requirements is transferred to the Q outputs on the
positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a particular voltage level and is not
directly related to the transition time of the positive-going pulse. When CLK is at either the high or low level, the
D input has no effect at the output. All eight flip-flops are controlled by a common clock (CLK) and a common
reset (CLR). The outputs are placed in a low state when CLR is taken low, independent of the CLK.
The CD74FCT273 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
CLR
CLK
D
OUTPUT
Q
L
X
X
L
H
↑
HH
H
↑
LL
H
L
X
Q0
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLR
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK


Similar Part No. - CD74FCT273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT273 TI-CD74FCT273 Datasheet
46Kb / 7P
BiCMOS FCT Interface Logic, Octal D Flip-Flop with Reset
CD74FCT273E TI-CD74FCT273E Datasheet
46Kb / 7P
BiCMOS FCT Interface Logic, Octal D Flip-Flop with Reset
CD74FCT273M TI-CD74FCT273M Datasheet
46Kb / 7P
BiCMOS FCT Interface Logic, Octal D Flip-Flop with Reset
More results

Similar Description - CD74FCT273

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M74LS273P MITSUBISHI-M74LS273P Datasheet
210Kb / 4P
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Texas Instruments
CD54AC273 TI-CD54AC273 Datasheet
301Kb / 15P
Octal D Flip-Flop with Reset
CD74FCT273 TI-CD74FCT273 Datasheet
46Kb / 7P
BiCMOS FCT Interface Logic, Octal D Flip-Flop with Reset
logo
Harris Corporation
CD54AC273 HARRIS-CD54AC273 Datasheet
10Kb / 1P
Octal D Flip-Flop with Reset
logo
Texas Instruments
CD54AC273 TI-CD54AC273_07 Datasheet
455Kb / 17P
Octal D Flip-Flop with Reset
CD54AC273 TI-CD54AC273_08 Datasheet
485Kb / 17P
Octal D Flip-Flop with Reset
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com