Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT541 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74FCT541
Description  BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT541 Datasheet(HTML) 3 Page - Texas Instruments

  CD74FCT541 Datasheet HTML 1Page - Texas Instruments CD74FCT541 Datasheet HTML 2Page - Texas Instruments CD74FCT541 Datasheet HTML 3Page - Texas Instruments CD74FCT541 Datasheet HTML 4Page - Texas Instruments CD74FCT541 Datasheet HTML 5Page - Texas Instruments CD74FCT541 Datasheet HTML 6Page - Texas Instruments CD74FCT541 Datasheet HTML 7Page - Texas Instruments CD74FCT541 Datasheet HTML 8Page - Texas Instruments CD74FCT541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CD74FCT541
BiCMOS OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCBS741 – JULY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
–15
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
0
70
°C
NOTE 2: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
MIN
MAX
UNIT
VIK
II = –18 mA
4.75 V
–1.2
–1.2
V
VOH
IOH = –15 mA
4.75 V
2.4
2.4
V
VOL
IOL = 64 mA
4.75 V
0.55
0.55
V
II
VI = VCC or GND
5.25 V
±0.1
±1
mA
IOZ
VO = VCC or GND
5.25 V
±0.5
±10
mA
IOS†
VI = VCC or GND,
VO = 0
5.25 V
–60
–60
mA
ICC
VI = VCC or GND,
IO = 0
5.25 V
8
80
mA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.25 V
1.6
1.6
mA
Ci
VI = VCC or GND
10
10
pF
Co
VO = VCC or GND
15
15
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 100 ms.
‡ This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating conditions, VCC = 5 V ± 0.25 V (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
UNIT
tpd
A
Y
6
2
8
ns
ten
OE
Y
7.5
2
10
ns
tdis
OE
Y
7.1
2
9.5
ns
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOH(V)
Quiet output, minimum dynamic VOH
0.5
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com