Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT541 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT541
Description  BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT541 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT541 Datasheet HTML 1Page - Texas Instruments CD74FCT541 Datasheet HTML 2Page - Texas Instruments CD74FCT541 Datasheet HTML 3Page - Texas Instruments CD74FCT541 Datasheet HTML 4Page - Texas Instruments CD74FCT541 Datasheet HTML 5Page - Texas Instruments CD74FCT541 Datasheet HTML 6Page - Texas Instruments CD74FCT541 Datasheet HTML 7Page - Texas Instruments CD74FCT541 Datasheet HTML 8Page - Texas Instruments CD74FCT541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CD74FCT541
BiCMOS OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCBS741 – JULY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Noninverted Outputs
D Input/Output Isolation From VCC
D Controlled Output Edge Rates
D 64-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
D Package Options Include Plastic
Small-Outline (M) and Shrink Small-Outline
(SM) Packages and Standard Plastic (E) DIP
description
The CD74FCT541 is an octal buffer/driver with 3-state outputs that is ideal for driving bus lines or buffer memory
address registers and uses a small-geometry BiCMOS technology. The output stage is a combination of bipolar
and CMOS transistors that limits the output high level to two diode drops below VCC. This resultant lowering
of output swing (0 V to 3.7 V) reduces power-bus ringing [a source of electromagnetic interference (EMI)] and
minimizes VCC bounce and ground bounce and their effects during simultaneous output switching. The output
configuration also enhances switching speed and is capable of sinking 64 mA.
The 3-state control gate is a two-input AND gate with active-low inputs, so that if either output-enable (OE1 or
OE2) input is high, all corresponding outputs are in the high-impedance state. The outputs provide noninverted
data when they are not in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The CD74FCT541 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each buffer/driver)
INPUTS
OUTPUT
OE1
OE2
A
Y
L
L
L
L
L
LH
H
H
XX
Z
X
H
X
Z
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
E, M, OR SM PACKAGE
(TOP VIEW)


Similar Part No. - CD74FCT541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT541 TI-CD74FCT541 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT541 TI1-CD74FCT541 Datasheet
507Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT541E TI-CD74FCT541E Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT541E TI1-CD74FCT541E Datasheet
507Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT541EE4 TI1-CD74FCT541EE4 Datasheet
507Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CD74FCT541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT240 TI1-CD74FCT240_16 Datasheet
528Kb / 12P
BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
CD74FCT541 TI1-CD74FCT541 Datasheet
507Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com