Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT283 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDX4ACT283
Description  CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4ACT283 Datasheet(HTML) 3 Page - Texas Instruments

  CDX4ACT283 Datasheet HTML 1Page - Texas Instruments CDX4ACT283 Datasheet HTML 2Page - Texas Instruments CDX4ACT283 Datasheet HTML 3Page - Texas Instruments CDX4ACT283 Datasheet HTML 4Page - Texas Instruments CDX4ACT283 Datasheet HTML 5Page - Texas Instruments CDX4ACT283 Datasheet HTML 6Page - Texas Instruments CDX4ACT283 Datasheet HTML 7Page - Texas Instruments CDX4ACT283 Datasheet HTML 8Page - Texas Instruments CDX4ACT283 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 Pin Configuration and Functions
Figure 3-1. CD54AC283, CD54ACT283 J Package; CD74AC283, CD74ACT283 D or N Package; 16-Pin
CDIP, PDIP, or SOIC (Top View)
Table 3-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
S1
1
O
Sum output 1
B1
2
I
1 bit input for binary number B
A1
3
I
1 bit input for binary number A
S0
4
O
Sum output 0
A0
5
I
0 bit input for binary number A
B0
6
I
0 bit input for binary number B
CIN
7
I
Carry input
GND
8
G
Ground
COUT
9
O
Carry output
S3
10
O
Sum output 3
B3
11
I
3 bit input for binary number B
A3
12
I
3 bit input for binary number A
S2
13
O
Sum output 2
A2
14
I
2 bit input for binary number A
B2
15
I
2 bit input for binary number B
VCC
14
P
VCC
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
www.ti.com
CD54AC283, CD74AC283, CD54ACT283, CD74ACT283
SCHS251E – NOVEMBER 1998 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54AC283 CD74AC283 CD54ACT283 CD74ACT283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com