Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT283 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDX4ACT283
Description  CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4ACT283 Datasheet(HTML) 1 Page - Texas Instruments

  CDX4ACT283 Datasheet HTML 1Page - Texas Instruments CDX4ACT283 Datasheet HTML 2Page - Texas Instruments CDX4ACT283 Datasheet HTML 3Page - Texas Instruments CDX4ACT283 Datasheet HTML 4Page - Texas Instruments CDX4ACT283 Datasheet HTML 5Page - Texas Instruments CDX4ACT283 Datasheet HTML 6Page - Texas Instruments CDX4ACT283 Datasheet HTML 7Page - Texas Instruments CDX4ACT283 Datasheet HTML 8Page - Texas Instruments CDX4ACT283 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
1 Features
• Buffered inputs
• Exceeds 2kV ESD protection MIL-STD-883,
method 3015
• SCR-latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST™/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ±24mA output drive current
– Fanout to 15 FAST™ ICs
– Drives 50Ω transmission lines
2 Description
The ’AC283 and ’ACT283 4-bit binary adders with fast
carry that utilize Advanced CMOS Logic technology.
These devices add two 4-bit binary numbers and
generate a carryout bit if the sum exceeds 15.
Because of the symmetry of the add function, this
device can be used with either all active-HIGH
operands (positive logic) or with all active-LOW
operands (negative logic). When using positive logic,
the carry-in input must be tied LOW if there is no
carry-in.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4AC283/
CDx4ACT283
D (SOIC,16)
9.9mm x 6mm
9.9mm x 3.90mm
N (PDIP,16)
19.3mm x 9.4mm
19.3mm x 6.35mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Functional Block Diagram
CD54AC283, CD74AC283, CD54ACT283, CD74ACT283
SCHS251E – NOVEMBER 1998 – REVISED JANUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDX4ACT283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDX4ACT245 TI2-CDX4ACT245 Datasheet
677Kb / 15P
CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
REVISED APRIL 2024
CDX4ACT257 TI2-CDX4ACT257 Datasheet
1Mb / 29P
CDx4AC257, CDx4ACT257, CD74ACT258 Quad 2-Input Multiplexer with Three-State Outputs
REVISED APRIL 2025
CDX4ACT299 TI2-CDX4ACT299 Datasheet
837Kb / 15P
CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins
REVISED DECEMBER 2024
More results

Similar Description - CDX4ACT283

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
63Kb / 6P
4-Bit Binary Adder with Fast Carry
DM74LS83A FAIRCHILD-DM74LS83A Datasheet
51Kb / 5P
4-Bit Binary Adder with Fast Carry
DM74S283 FAIRCHILD-DM74S283 Datasheet
53Kb / 5P
4-Bit Binary Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
National Semiconductor ...
MM54HC283 NSC-MM54HC283 Datasheet
127Kb / 6P
4-Bit Binary Adder with Fast Carry
logo
Texas Instruments
CD74AC283 TI-CD74AC283 Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Texas Instruments
CD54AC283 TI-CD54AC283_07 Datasheet
404Kb / 12P
4-Bit Binary Fill Adder With Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com