Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D13 Datasheet(PDF) 4 Page - TT Electronics.

Part # D13
Description  Single-In-Line Conformal Coated Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

D13 Datasheet(HTML) 4 Page - TT Electronics.

  D13 Datasheet HTML 1Page - TT Electronics. D13 Datasheet HTML 2Page - TT Electronics. D13 Datasheet HTML 3Page - TT Electronics. D13 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Single-In-Line Conformal Coated Diode Array
D Series
05.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Ordering Procedure
Example: D83C (Diode array with 8 pins, circuit 3 (isolated) with cathode at pin 1, Pb-free)
D 8
3 C
1
2
3 4
1
21
31
4
Series Number of Pins
Circuit Type
Polarity
D
4
1 = Bussed, pin 1 common
A Anode at common pin (circuits 1 & 2)
or at pin 1 (circuits 3 & 5)
5
2 = Bussed, centre pin common
6
3 = Isolated
C Cathode at common pin (circuits 1 & 2)
or at pin 1 (circuits 3 & 5)
7
5 = Dual termination
8
9
10
11
12
13
14
Note 1 – see schematics for valid combinations of number of pins and circuit type.
OBSOLETE (D10, D11, D12, D13, D14 ONLY)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com