Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D13 Datasheet(PDF) 1 Page - TT Electronics.

Part # D13
Description  Single-In-Line Conformal Coated Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

D13 Datasheet(HTML) 1 Page - TT Electronics.

  D13 Datasheet HTML 1Page - TT Electronics. D13 Datasheet HTML 2Page - TT Electronics. D13 Datasheet HTML 3Page - TT Electronics. D13 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single-In-Line Conformal
Coated Diode Array
D Series
4 to 14 Leads
Standard and custom circuits
Space saving design
Resistors
05.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Single-In-Line Conformal
Coated Diode Array
D Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.14
· 4 to 14 Leads
· Standard and custom circuits
· Space saving design
Specification
Reverse Voltage, V
R
80V
Reverse Current, I
R
1.0µA (V
R = 70V)
Forward Current, I
F
100mA Average, 300mA Surge (1µs Max.)
Forward Voltage, V
F
1.2V @ I
F = 100mA
Package Power, P
PKG
200mW @ 25oC
Reverse Recovery Time, t
rr
4ns (V
R = 6V, IF = 5mA, RL = 50Ω)
Capacitance, C
5.5pF (V
R = 6V, f = 1MHz)
Storage Temperature Range
- 55°C to 125°C
Operating Temperature Range
- 25°C to 80°C
Not Recommended for New Designs
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
OBSOLETE (D10, D11, D12, D13, D14 ONLY)


Similar Part No. - D13

ManufacturerPart #DatasheetDescription
logo
WM Berg Inc.
D13-1 WMBERG-D13-1 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-10 WMBERG-D13-10 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-11 WMBERG-D13-11 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-12 WMBERG-D13-12 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-13 WMBERG-D13-13 Datasheet
90Kb / 1P
DOWEL SOFT PINS
More results

Similar Description - D13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
09-Jan-07
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
logo
CTS Corporation
770 CTS-770 Datasheet
91Kb / 3P
Single In-Line Conformal
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
Capacitor Networks, Single-In-Line,Conformal Coated SIP,
07-Aug-08
logo
List of Unclassifed Man...
D72A ETC2-D72A Datasheet
171Kb / 4P
Single-In-Line Conformal Coated Diode Array
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
logo
TT Electronics.
CR10A001 TTELEC-CR10A001 Datasheet
381Kb / 4P
In-Line Conformal Coated Resistor
D8-3C TTELEC-D8-3C Datasheet
310Kb / 4P
Single-In-Line Conformal Coated Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com