Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-3 Datasheet(PDF) 2 Page - TT Electronics.

Part # GS-3
Description  Thick Film Semi-Precision Metal Glaze™ Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GS-3 Datasheet(HTML) 2 Page - TT Electronics.

  GS-3 Datasheet HTML 1Page - TT Electronics. GS-3 Datasheet HTML 2Page - TT Electronics. GS-3 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thick Film Semi-Precision
Metal Glaze™ Power Resistors
GS-3 Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Thick Film Semi-Precision
Metal Glaze™
Power Resistors
GS-3 Series Issue October 2008 Sheet 2 of 3
Dimensions (inches and (mm))
Type
L
W
H
ød
GS-3
0.515 ± 0.010
(13.1 ± 0.3)
0.225 ± 0.008
(5.7 ± 0.2)
1.50 ± 0.125
(38.1 ± 3.2)
0.032 ± 0.002
(0.8128 ± 0.05)
Physical Data
Power Derating Chart
0
75
125
175
100
80
60
40
20
0
Ambient Temperature (°C)
Hot Spot Temperature +25°C Ambient
0
25
50
75
125
100
75
50
25
0
Percent 25°C Power Rating
100
150
175
200
L
W
H
GS-3
d
Make Possible
09.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
25
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com