Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-3 Datasheet (PDF) - TT Electronics.

GS-3 Datasheet PDF - TT Electronics.
Part # GS-3
Download  GS-3 Download
File Size   328.91 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Thick Film Semi-Precision Metal Glaze™ Power Resistors

GS-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-3 Datasheet PDF - TT Electronics.

Part # GS-3
Download  GS-3 Click to download

File Size   328.91 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Thick Film Semi-Precision Metal Glaze™ Power Resistors

GS-3 Datasheet (HTML) - TT Electronics.


GS-3 Product details

Superior surge performance
Resistance range from 1Ω - 3MΩ
Standard tolerances of ±1%, ±2%, ±5%
Power rating of 3W @25°C; 2W @70°C
Effective as carbon composite replacement




Similar Part No. - GS-3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-31001000F IRCTT-GS-31001000F Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLF IRCTT-GS-31001000FLF Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLFSLT IRCTT-GS-31001000FLFSLT Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLFT24 IRCTT-GS-31001000FLFT24 Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
More results


Similar Description - GS-3

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CMH IRCTT-CMH Datasheet
238Kb / 3P
Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
Semi-Precision Mil-Qualified Metal Glaze Resistor
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
21-Jan-14
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
Vishay Siliconix
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
07-Apr-14
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
Semi-Precision Thick Film Chip Resistors
04-Jul-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com