Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6487 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N6487
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6487 Datasheet(HTML) 1 Page - STMicroelectronics

  2N6487 Datasheet HTML 1Page - STMicroelectronics 2N6487 Datasheet HTML 2Page - STMicroelectronics 2N6487 Datasheet HTML 3Page - STMicroelectronics 2N6487 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N6487
2N6488/2N6490
COMPLEMENTARY SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
DESCRIPTION
The
2N6487
and
2N6488
are
silicon
epitaxial-base NPN transistors in Jedec TO-220
plastic package.
They are inteded for use in power linear and low
frequency switching applications.
The 2N6487 complementary type is 2N6490.
INTERNAL SCHEMATIC DIAGRAM
April 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
2N6487
2N6488
PNP
2N6490
VCBO
Collector-Base Voltage (IE = 0)
70
90
V
VCEX
Collector-Emitter Voltage (VBE=-1.5V,RBE=100
Ω)
70
90
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
80
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
15
A
IB
Base Current
5
A
Ptot
Total Dissipation at Tc
≤ 25 oC
75
W
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
For PNP types voltage and current values are negative.
1
2
3
TO-220
®
1/4


Similar Part No. - 2N6487

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6487 MOSPEC-2N6487 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
logo
ON Semiconductor
2N6487 ONSEMI-2N6487 Datasheet
151Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6487 BOCA-2N6487 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Central Semiconductor C...
2N6487 CENTRAL-2N6487 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6487 ONSEMI-2N6487 Datasheet
64Kb / 8P
Complementary Silicon Plastic Power Transistors
April, 2002 ??Rev. 10
More results

Similar Description - 2N6487

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com