Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LL4148
Description  Small Signal Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LL4148 Datasheet(HTML) 2 Page - ON Semiconductor

  LL4148 Datasheet HTML 1Page - ON Semiconductor LL4148 Datasheet HTML 2Page - ON Semiconductor LL4148 Datasheet HTML 3Page - ON Semiconductor LL4148 Datasheet HTML 4Page - ON Semiconductor LL4148 Datasheet HTML 5Page - ON Semiconductor LL4148 Datasheet HTML 6Page - ON Semiconductor LL4148 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LL4148 Rev. 1.8
January 2016
LL4148
Small Signal Diode
Ordering Information
Absolute Maximum Ratings(1), (2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 200
°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operations.
Part Number
Device Marking
Package
Packing Method
LL4148
Color Band Marking
SOD-80 2L
Tape and Reel, 7 inch Reel, 2500 pcs
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
100
V
IF(AV)
Average Rectified Forward Current
200
mA
If
Recurrent Peak Forward Current
500
mA
IFSM
Non-Repetitive Peak
Forward Surge Current
Pulse Width = 1.0 s
1.0
A
Pulse Width = 1.0
μs2.0
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature Range
-55 to +175
°C
COLOR BAND MARKING
1ST BAND
Black
The 1st Band indicates the cathode band
SOD80
Cathode Band



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com