Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LL4148
Description  Small Signal Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LL4148 Datasheet(HTML) 3 Page - ON Semiconductor

  LL4148 Datasheet HTML 1Page - ON Semiconductor LL4148 Datasheet HTML 2Page - ON Semiconductor LL4148 Datasheet HTML 3Page - ON Semiconductor LL4148 Datasheet HTML 4Page - ON Semiconductor LL4148 Datasheet HTML 5Page - ON Semiconductor LL4148 Datasheet HTML 6Page - ON Semiconductor LL4148 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LL4148 Rev. 1.8
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. JEDEC Standard 51-3 method (PCB Board size 76 x 114 x 0.6Tmm3)
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction-to-Ambient
300
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
VR
Breakdown Voltage
IR = 100 μA100
V
IR = 5.0 μA75
VF
Forward Voltage
IF = 10 mA
1.0
V
IR
Reverse Leakage
VR = 20 V
25
nA
VR = 20 V, TA = 150°C50
μA
CT
Total Capacitance
VR = 0, f = 1.0 MHz
4.0
pF
trr
Reverse Recovery Time
IF = 10 mA, VR = 6.0 V (60 mA),
Irr = 1.0 mA, RL = 100 Ω
4.0
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com