Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/DP Datasheet(PDF) 30 Page - Parallax Inc

Part # SX28AC/DP
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/DP Datasheet(HTML) 30 Page - Parallax Inc

Back Button SX28AC/DP Datasheet HTML 26Page - Parallax Inc SX28AC/DP Datasheet HTML 27Page - Parallax Inc SX28AC/DP Datasheet HTML 28Page - Parallax Inc SX28AC/DP Datasheet HTML 29Page - Parallax Inc SX28AC/DP Datasheet HTML 30Page - Parallax Inc SX28AC/DP Datasheet HTML 31Page - Parallax Inc SX28AC/DP Datasheet HTML 32Page - Parallax Inc SX28AC/DP Datasheet HTML 33Page - Parallax Inc SX28AC/DP Datasheet HTML 34Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 30 of 51
Rev 1.6 11/20/2006
14.0 REGISTER STATES UPON DIFFERENT RESET OPERATIONS
The effect of different reset operation on a register
depends on the register and the type of reset operation.
Some registers are initialized to specific values, some are
left unchanged, some are undefined, and some are
initialized to an unknown value. A register that starts with
an unknown value should be initialized by the software to
a known value; you cannot simply test the initial state and
rely on it starting in that state consistently. Table 14-1
lists the SX registers and shows the state of each register
upon different reset.
Table 14-1: Register States upon Different Resets
Register
Power-On
Wakeup
Brown-Out
Watchdog Timer
MCLR
W
Undefined
Unchanged
Undefined
Unchanged
Unchanged
OPTION
FFh
FFh
FFh
FFh
FFh
MODE
0Fh
0Fh
0Fh
0Fh
0Fh
RTCC (01h)
Undefined
Unchanged
Undefined
Unchanged
Unchanged
PC (02h)
FFh
FFh
FFh
FFh
FFh
STATUS (03h)
Bits 0-2: undefined
Bits 3-4: 11
Bits 5-7: 000
Bits 0-2: unchanged
Bits 3-4: unchanged
Bits 5-7: 000
Bits 0-4: undefined
Bits 5-7: 000
Bits 0-2: unchanged
Bits 3-4: (Note 1)
Bits 5-7: 000
Bits 0-2: unchanged
Bits 3-4: (Note 2)
Bits 5-7: 000
FSR (04h)
Undefined
Bits 0-6: unchanged
Bit 7: 1
Bits 0-6: undefined
Bit 7: 1
Bits 0-6: unchanged
Bit 7: 1
Bits 0-6: unchanged
Bit 7: 1
RA/RB/RC Direction
FFh
FFh
FFh
FFh
FFh
RA/RB/RC Data
Undefined
Unchanged
Undefined
Unchanged
Unchanged
Other File Registers
SPRAM
Undefined
Unchanged
Undefined
Unchanged
Unchanged
CMP_B
Bits 0, 6-7: 1
Bits 1-5: undefined
Bits 0, 6-7: 1
Bits 1-5: undefined
Bits 0, 6-7: 1
Bits 1-5: undefined
Bits 0, 6-7: 1
Bits 1-5: undefined
Bits 0, 6-7: 1
Bits 1-5: undefined
WKPND_B
Undefined
Unchanged
Undefined
Unchanged
Unchanged
WKED_B
FFh
FFh
FFh
FFh
FFh
WKEN_B
FFh
FFh
FFh
FFh
FFh
ST_B/ST_C
FFh
FFh
FFh
FFh
FFh
LVL_A/LVL_B/LVL_C
FFh
FFh
FFh
FFh
FFh
PLP_A/PLP_B/PLP_C
FFh
FFh
FFh
FFh
FFh
Watchdog Counter
Undefined
Unchanged
Undefined
Unchanged
Unchanged
Note 1: Watchdog reset during Power Down mode: 00(TO, PD); during Active mode: 01 (TO, PD).
Note
2:
External
reset
during
Power
Down
mode:
10
(TO,
PD);
during
Active
mode,
Unchanged
((TO,
PD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com