Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/DP Datasheet(PDF) 31 Page - Parallax Inc

Part # SX28AC/DP
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/DP Datasheet(HTML) 31 Page - Parallax Inc

Back Button SX28AC/DP Datasheet HTML 27Page - Parallax Inc SX28AC/DP Datasheet HTML 28Page - Parallax Inc SX28AC/DP Datasheet HTML 29Page - Parallax Inc SX28AC/DP Datasheet HTML 30Page - Parallax Inc SX28AC/DP Datasheet HTML 31Page - Parallax Inc SX28AC/DP Datasheet HTML 32Page - Parallax Inc SX28AC/DP Datasheet HTML 33Page - Parallax Inc SX28AC/DP Datasheet HTML 34Page - Parallax Inc SX28AC/DP Datasheet HTML 35Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 31 of 51
Rev 1.6 11/20/2006
15.0 INSTRUCTION SET
As mentioned earlier, the SX family of devices uses a
modified Harvard architecture with memory-mapped
input/output. The device also has a RISC type architecture
in that there are 43 single-word basic instructions. The
instruction set contains byte-oriented file register,
bitoriented file register, and literal/control instructions.
Working register W is one of the CPU registers, which
serves as a pseudo accumulator. It is a pseudo
accumulator in a sense that it holds the second operand,
receives the literal in the immediate type instructions, and
also can be program-selected as the destination register.
The bank of 31 file registers can also serve as the primary
accumulators, but they represent the first operand and
may be program-selected as the destination registers.
15.1. Instruction Set Features
• All single-word (12-bit) instructions for compact
code efficiency.
• All instructions are single cycle except the jump
type instructions (JMP, CALL) and failed test
instructions (DECSZ fr, INCSZ fr, SB bit, SNB bit),
which are two cycle.
• A set of File registers can be addressed directly or
indirectly, and serve as accumulators to provide first
operand; W register provides the second operand.
• Many instructions include a destination bit which
selects either the register file or the accumulator as
the destination for the result.
• Bit manipulation instructions (Set, Clear, Test and
Skip if Set, Test and Skip if Clear).
• STATUS Word register memory-mapped as a
register file, allowing testing of status bits (carry,
digit carry, zero, power down, and timeout).
• Program Counter (PC) memory-mapped as register
file allows W to be used as offset register for
indirect addressing of program memory.
• Indirect addressing data pointer FSR (file select
register) memory-mapped as a register file.
• IREAD instruction allows reading the instruction
from the program memory addressed by W and
upper four bits of MODE register.
• Eight-level, 11-bit push/pop hardware stack for
subroutine linkage using the Call and Return
instructions.
• Six addressing modes provide great flexibility.
15.2. Instruction Execution
An instruction goes through a four-stage pipeline to be
executed (Figure 15-1). The first instruction is fetched
from the program memory on the first clock cycle. On the
second clock cycle, the first instruction is decoded and the
second instruction is fetched. On the third clock cycle, the
first instruction is executed, the second instruction is
decoded, and the third instruction is fetched. On the
fourth clock cycle, the first instruction’s results are
written to its destination, the second instruction is
executed, the third instruction is decoded, and the fourth
instruction is fetched. Once the pipeline is full,
instructions are executed at the rate of one per clock
cycle.
Instructions that directly affect the contents of the
program counter (such as jumps and calls) require that the
pipeline be cleared and subsequently refilled. Therefore,
these instruction take more than one clock cycle.
The instruction execution time is derived by dividing the
oscillator frequency by either one (turbo mode) or four
(non-turbo mode). The divide-by factor is selected
through the FUSE Word register.
Figure 15-1: Pipeline and Clock Scheme
15.3. Addressing Modes
The device supports the following addressing modes:
• Data Direct
• Data Indirect
• Immediate
• Program Direct
• Program Indirect
• Relative
Both direct and indirect addressing modes are available.
The INDF register, though physically not implemented, is
used in conjunction with the indirect data pointer (FSR) to
perform indirect addressing. An instruction using INDF as
its operand field actually performs the operation on the
register pointed by the contents of the FSR. Consequently,
processing two multiple-byte operands requires alternate
loading of the operand addresses into the FSR pointer as
the multiple byte data fields are processed. Examples:
Direct addressing:
mov
RA,#01
;move “1” to RA
Indirect Addressing:
mov
FSR,#RA ;FSR = address of RA
mov
INDF,#$01
;move “1” to RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com