Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V97052 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 8V97052
Description  High Resolution Wideband RF Synthesizer / PLL
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8V97052 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 8V97052 Datasheet HTML 17Page - Renesas Technology Corp 8V97052 Datasheet HTML 18Page - Renesas Technology Corp 8V97052 Datasheet HTML 19Page - Renesas Technology Corp 8V97052 Datasheet HTML 20Page - Renesas Technology Corp 8V97052 Datasheet HTML 21Page - Renesas Technology Corp 8V97052 Datasheet HTML 22Page - Renesas Technology Corp 8V97052 Datasheet HTML 23Page - Renesas Technology Corp 8V97052 Datasheet HTML 24Page - Renesas Technology Corp 8V97052 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
R31DS0022EU0110 Rev.1.1
Page 21
Feb 6, 2023
8V97052 Datasheet
Table 17. Register 1: 12 Last Bits Modulus Value (MOD). Function Description[1]
1. This table is used along with Register 5 MOD value in order to complete the 32 bits of MOD.
Name
Description
Factory Defaults
Function
Register 1 MOD
(FDiv[32:21])
Register 5 MOD
(FDiv[20:1])
Register 1 MOD
(FDiv[32:21])
Register 5 MOD
(FDiv[20:1])
Value
Mod[32:1]
MODULUS
VALUE (MOD)
0000 0000 0000
0000 0000 0000
0000 0010
0000 0000 0000
0000 0000 0000
0000 0000
Not
Allowed
0000 0000 0000
0000 0001
Not
Allowed
0000 0000 0000
0000 0010
2
…
1111 1111 1111
1111 1111
(2^20) – 1
=
1,048,575
0000 0000 0001
0000 0000 0000
0000 0000
2^20 =
1,048,576
…
1111 1111 1111
1111 1111
(2^21) – 1
…
1111 1111 1111
0000 0000 0000
0000 0000
2^20*(2^12
–1)
…
1111 1111 1111
1111 1111
2^32 – 1
Table 18. Register 1: 3-Bit Control Bits. Function Description[1]
1. The user has to set CB[3:1] to 001 in order to write to Register 1.
Name
Description
Function
CB[3:1]
Control bits
001 = Register 1 is programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com