Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0452B Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F0452B
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452B Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F0452B Datasheet HTML 7Page - Renesas Technology Corp F0452B Datasheet HTML 8Page - Renesas Technology Corp F0452B Datasheet HTML 9Page - Renesas Technology Corp F0452B Datasheet HTML 10Page - Renesas Technology Corp F0452B Datasheet HTML 11Page - Renesas Technology Corp F0452B Datasheet HTML 12Page - Renesas Technology Corp F0452B Datasheet HTML 13Page - Renesas Technology Corp F0452B Datasheet HTML 14Page - Renesas Technology Corp F0452B Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
F0452B Datasheet
© 2019 Renesas Electronics Corporation
11
July 13, 2021
Table 5.
Electrical Characteristics: RX Path in RX Mode Cascaded Performance
See the F0452B Application Circuit in Figure 30. Specifications apply when operated as an RX RF amplifier with VDD = +3.3V, fRF = 2.6GHz,
TEPAD = +25°C, STBYx = LOW, RX output power = -10dBm, ZS = ZL = 50Ω, and EVKit trace and connector losses are de-embedded unless
otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Input Return Loss
RLIN
Measured at SW1_IN, SW2_IN,
High/Low Gain Mode,
fRF = 2.4GHz
12 [a]
dB
Measured at SW1_IN, SW2_IN,
High/Low Gain Mode,
fRF = 2.6GHz
20
Measured at SW1_IN, SW2_IN,
High/Low Gain Mode,
fRF = 2.3GHz to 2.7GHz
6
Output Return Loss
RLOUT
Measured at RX1_OUT,
RX2_OUT,
High/Low Gain Modes,
fRF = 2.3GHz to 2.7GHz
7
dB
Reverse Isolation, RX1_OUT to
SW1_IN, or RX2_OUT to SW2_IN
ISOREV
fRF = 2.3GHz to 2.7GHz
50
58
dB
Gain
GHG
High Gain Mode
32
34
37
dB
GHG_TEMP
TEPAD = -40°C to 105°C
31
38
Gain Attenuated
GLG
Low Gain Mode
25.5
28
31.5
dB
Gain Ripple
GRIPPLE
fRF = 2.3GHz to 2.7GHz
(Difference between maximum
and minimum gain in each
100MHz subrange within the
specified frequency range)
±0.75
dB
Noise Figure
NF
Measured at antenna port
ideally matched to LNA
1.5
1.7
dB
TEPAD = 105°C
2.3
Low Gain Mode
1.5
[a] Items in the “Minimum”/“Maximum” columns in bold italics are confirmed by test. Items in the “Minimum”/“Maximum” columns NOT in bold italics
are confirmed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com