Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0448EVB Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # F0448EVB
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448EVB Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button F0448EVB Datasheet HTML 35Page - Renesas Technology Corp F0448EVB Datasheet HTML 36Page - Renesas Technology Corp F0448EVB Datasheet HTML 37Page - Renesas Technology Corp F0448EVB Datasheet HTML 38Page - Renesas Technology Corp F0448EVB Datasheet HTML 39Page - Renesas Technology Corp F0448EVB Datasheet HTML 40Page - Renesas Technology Corp F0448EVB Datasheet HTML 41Page - Renesas Technology Corp F0448EVB Datasheet HTML 42Page - Renesas Technology Corp F0448EVB Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 39
8.
Application Information
The F0448 is optimized for use in high-performance RF applications from 3.3GHz to 4.2GHz.
8.1
Power Supplies
Bypass supply pins with external capacitors to minimize noise and fast transients. Supply noise can degrade
noise figure and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or
transients should have a slew rate smaller than 1V/20µS. In addition, all control pins should remain at 0V (±0.3V)
while the supply voltage ramps or while it returns to zero.
8.2
RSET and RDSET
The F0448 is optimized for gain and intermodulation products by adjusting the bias resistors RSET and RDSET.
For the optimized setting, RSET (R26) and RDSET (R25) are 4.42kΩ.
8.3
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot,
ringing, etc., the following circuit at the input of each control pin is recommended. This applies to control pins 3-
7, 11-14, and 32-35 as shown below. Note the recommended resistor and capacitor values do not necessarily
match the EVKit BOM for the case of poor control signal integrity.
9
8
7
6
5
4
3
2
1
18
17
16
15
14
13
12
11
10
27
26
25
24
23
22
21
20
19
36
35
34
33
32
31
30
29
28
VCTRL2_A
DATA
CLK
VCTRL2_B
STBY_B
VCTRL1_B
5kΩ
2pF
VCTRL0_A
2pF
5kΩ
VCTRL0_B
5kΩ
2pF
5kΩ
2pF
5kΩ
2pF
2pF
5kΩ
F0448
Exposed pad (GND)
STBY_A
2pF
5kΩ
VCTRL1_A
2pF
5kΩ
CSb_A
2pF
5kΩ
5kΩ
2pF
CSb_B
2pF
5kΩ
2pF
5kΩ
Figure 82. Control Pin Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com