Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0448EVB Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0448EVB
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448EVB Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0448EVB Datasheet HTML 17Page - Renesas Technology Corp F0448EVB Datasheet HTML 18Page - Renesas Technology Corp F0448EVB Datasheet HTML 19Page - Renesas Technology Corp F0448EVB Datasheet HTML 20Page - Renesas Technology Corp F0448EVB Datasheet HTML 21Page - Renesas Technology Corp F0448EVB Datasheet HTML 22Page - Renesas Technology Corp F0448EVB Datasheet HTML 23Page - Renesas Technology Corp F0448EVB Datasheet HTML 24Page - Renesas Technology Corp F0448EVB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 21
3.2
Typical Performance Characteristics (3.3GHz to 4.2GHz)
Figure 37. Maximum Gain vs. Frequency
Figure 38. Gain vs. Frequency for DSA0 Settings
Figure 39. Gain vs. Frequency for DSA1 Settings
Figure 40. Gain vs. Frequency for DSA2 Settings
Figure 41. Input Return Loss vs. Frequency
Figure 42. Output Return Loss vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com