Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-NMSM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXA-NMSM
Description  N-MALE TO SMA-MALE ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXA-NMSM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXA-NMSM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
CENTER PIN
BRASS
GOLD
INSULATOR(1)
PTFE
--
INSULATOR(2)
PTFE
--
GROUNDING
BRASS
NICKEL
RETAINING RING(1)
BRASS
NICKEL
GASKET(1)
SI-RUBBER
ORANGE
SHELL(1)
BRASS
NICKEL
RETAINING RING(2)
BRASS
NICKEL
GASKET(2)
SI-RUBBER
ORANGE
SHELL(2)
BRASS
NICKEL
NOTES:
ELECTRICAL:
IMPEDENCE: 50 OHMS
FREQUENCY RANGE: DC~11 GHz
INSERTION LOSS: .15 dB MAX
VOLTAGE RATING: 500 VOLTSEAK
DIELECTRIC WITHSTANDING VOLTAGE: 1000V RMS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
43321
02/21/05
N-MALE TO SMA-MALE
MAY OCCUR
02/21/05
PROJECTION
B.PUCHASKI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
UNLESS OTHERWISE SPECIFIED,
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
COAXIAL
5
6
7
8
AXA-NMSM
B
11
P.PESA
02/21/05
REVISIONS
INITIAL RELEASE
DESCRIPTION
APPROVED
REV
DATE
P.PESA
02/21/05
AXA-NMSM.SLDDRW
A
B
ECN8371 UPDATE DRAWING SPECS, ADD ELECTRICAL SPECS
06/16/16
--
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
--
COLOR VARIATIONS
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
FSCM NO.
ADAPTOR
MAY VARY
NONE
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
5/8-24UNEF-2B
H8
1/4-36UNS-2B
1.31 33.3


Similar Part No. - AXA-NMSM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-NMSF L-COM-AXA-NMSF Datasheet
86Kb / 1P
N MALE TO SMA FEMALE ADAPTER
01/29/13
More results

Similar Description - AXA-NMSM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE9080 PASTERNACK-PE9080 Datasheet
253Kb / 3P
SMA Male to N Male Adapter
PE9431 PASTERNACK-PE9431 Datasheet
259Kb / 3P
Precision SMA Male to N Male Adapter
PE304 PASTERNACK-PE304 Datasheet
239Kb / 4P
SMA Male to N Male Precision Cable
logo
List of Unclassifed Man...
5006 ETC2-5006 Datasheet
134Kb / 1P
TYPE N MALE TO SMA MALE ADAPTER
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
CONSMA010 ETC2-CONSMA010 Datasheet
129Kb / 1P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Linx Technologies
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
SMA MALE TO SMA MALE ADAPTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com