Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXAPDMDM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXAPDMDM
Description  7/16 DIN MALE TO 7/16 DIN MALE ADAPTER PIM RATED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXAPDMDM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXAPDMDM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
MATERIAL
FINISH
GASKETS
SILICONE RUBBER
---
BODY
BRASS
CuSnZn3
INSULATOR
PTFE
SILVER
CENTER CONTACT
BRONZE
SILVER
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC-3GHz
VSWR: < 1.1 (DC-3GHz)
PASSIVE INTERMODULATION(PIM): < -160dBc
DIELECTRIC WITHSTANDING VOLTAGE: 4000V
INSERTION LOSS: < .05 dB@900MHz
INSULATION RESISTANCE: > 1000M OHM
CONTACT RESISTANCE:
CENTER CONTACT: < 0.4m OHM
OUTER CONTACT: < 0.2m OHM
MECHANICAL:
DURABILITY: > 500
INTERFACE DIMENSIONS CONFORMABLE TO IEC 60169
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
7/16 DIN MALE TO 7/16 DIN MALE ADAPTER
MAY OCCUR
09/28/15
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-PDMDM
AXA-PDMDM.SLDDRW
11
K.BURGNER
09/28/15
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
09/28/15
10/28/15
INITIAL RELEASE
D.GRIFFIN
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
MAY OCCUR
09/28/15
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-PDMDM
A
AXA-PDMDM.SLDDRW
11
K.BURGNER
09/28/15
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
09/28/15
10/28/15
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
PIM RATED
COAXIAL
PROJECTION
FSCM NO.
43321
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
1.27 32.2
1.26 32


Similar Part No. - AXAPDMDM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXAPDMDF L-COM-AXAPDMDF Datasheet
32Kb / 1P
7/16 DIN MALE TO 7/16 DIN FEMALE ADAPTER PIM RATED
09/28/15
More results

Similar Description - AXAPDMDM

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91039 PASTERNACK-PE91039 Datasheet
360Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE91088 PASTERNACK-PE91088 Datasheet
360Kb / 3P
Low PIM 7 - 16 DIN Male to 4.1/9.5 Mini DIN Male Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com