Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5LE Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G5LE
Description  Cubic, Single-pole 10A Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE Datasheet(HTML) 2 Page - Omron Electronics LLC

  G5LE Datasheet HTML 1Page - Omron Electronics LLC G5LE Datasheet HTML 2Page - Omron Electronics LLC G5LE Datasheet HTML 3Page - Omron Electronics LLC G5LE Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
G5LE
PCB Power Relay
G
5
L
E
■Characteristics
Note. The data given above are initial values
*1.
Measurement conditions: 5 VDC, 1 A, voltage drop method.
*2.
Measurement conditions: The insulation resistance was measured with a 500 VDC megohmmeter at the same locations as the dielectric strength was measured.
*3.
This value was measured at a switching frequency of 120 operations/min.
Item
Classification
Standard type
High capacity type
Contact resistance *1
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Insulation resistance *2
100 M
Ω min.
Dielectric strength
Between coil and
contacts
2,000 VAC, 50/60 Hz for 1 min
Between contacts of the
same polarity
750 VAC, 50/60 Hz for 1 min
Impulse withstand
voltage
between coil and contacts 4,500 V (1.2
×50 μs)
Vibration resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Shock resistance
Destruction
1,000 m/s2
Malfunction
100 m/s2
Durability
Mechanical
10,000,000 operations min. (at 18,000 operations/hr)
Electrical
100,000 operations min.
(at 1,800 operations/hr)
50,000 operations min. (NO)
30,000 operations min. (NC)
(at 1,800 operations/hr)
Failure rate (P level) (reference value) *3
100 mA at 5 VDC
Ambient operating temperature
-25°C to 85°C (with no icing or condensation)
Ambient operating humidity
35% to 85%
Weight
Approx. 12 g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com