Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5LE Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G5LE
Description  Cubic, Single-pole 10A Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE Datasheet(HTML) 4 Page - Omron Electronics LLC

  G5LE Datasheet HTML 1Page - Omron Electronics LLC G5LE Datasheet HTML 2Page - Omron Electronics LLC G5LE Datasheet HTML 3Page - Omron Electronics LLC G5LE Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
G5LE
PCB Power Relay
G
5
L
E
■Approved Standards
UL Recognized:
(File No. E41643)
CSA Certified:
(File No. LR31928)
VDE EN/IEC Certified:
(Certificate No. 6850)
TÜV EN/IEC Certified:
(Certificate No. R50158258)
■Precautions
• Please refer to “PCB Relays Common Precautions” for correct use.
Model
Contact form
Coil ratings
Contact ratings
Number of test
operations
G5LE
SPDT-NO (1a)
SPDT (1c)
5 to 24 VDC
10 A, 250 VAC (general use) at 40°C
6,000
8 A, 30 VDC (resistive load) at 40°C
TV-3 (N.O only) at 40°C
25,000
G5LE-E
13 A, 120 VAC, (resistive load) (NO only) at 85°C
30,000
10 A, 250 VAC, (general use) at 40°C
TV-8 (NO only) at 40°C
25,000
16 A, 250 VAC, (general use) (NO only) at 40°C
30,000
12 A, 250 VAC, (general use) (NC only) at 40°C
Model
Contact form
Coil ratings
Contact ratings
Number of test
operations
G5LE
SPDT-NO (1a)
SPDT (1c)
5 to 24 VDC
10 A, 250 VAC (general use) at 40°C
6,000
8 A, 30 VDC (resistive load) at 40°C
TV-3 (N.O only) at 40°C
25,000
G5LE-E
13 A, 120 VAC, (resistive load) (NO only) at 85°C
30,000
10 A, 250 VAC, (general use) at 40°C
TV-8 (NO only) at 40°C
25,000
16 A, 250 VAC, (general use) (NO only) at 40°C
30,000
12 A, 250 VAC, (general use) (NC only) at 40°C
Model
Contact form
Coil ratings
Contact ratings
Number of test
operations
G5LE
SPDT-NO (1a)
SPDT (1c)
5, 12, 24 VDC
10 A, 250 VAC (cos
φ = 1) 85°C
50,000
G5LE-E
16 A, 250 VAC (cos
φ = 1) (NO only), 1s ON/5s OFF, 85°C
Model
Contact form
Coil ratings
Contact ratings
Number of test
operations
G5LE
SPDT-NO (1a)
SPDT (1c)
5, 12, 24 VDC
2.5 A, 250 VAC (cos
φ = 0.4) 85°C
100,000
10 A, 250 VAC (resistive load) at 85°C
50,000
8 A, 30 VAC (resistive load) at 40°C
100,000
Cat. No. K100-E1-08
0318(0207)(O)
OMRON Corporation
Electronic and Mechanical Components Company
Regional Contact
Americas
Europe
https://www.components.omron.com/
http://components.omron.eu/
Asia-Pacific
China
https://ecb.omron.com.sg/
https://www.ecb.omron.com.cn/
Korea
Japan
https://www.omron-ecb.co.kr/
https://www.omron.co.jp/ecb/
In the interest of product improvement, specifications are subject to change without notice.
© OMRON Corporation 2007-2018 All Rights Reserved.
Please check each region's Terms & Conditions by region website.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com