Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N720A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N720A
Description  HIGH VOLTAGE GENERAL PURPOSE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N720A Datasheet(HTML) 1 Page - STMicroelectronics

  2N720A Datasheet HTML 1Page - STMicroelectronics 2N720A Datasheet HTML 2Page - STMicroelectronics 2N720A Datasheet HTML 3Page - STMicroelectronics 2N720A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N720A
October 1988
HIGH VOLTAGE GENERAL PURPOSE
DESCRIPTION
The 2N720A is a silicon planar epitaxial NPN tran-
sistor in Jedec TO-18 metal case. It is suitable for a
wide variety of amplifier and switching applications.
ABSOLUTEMAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-base Voltage (IE =0)
120
V
VCEO
Collector–emitter Voltage (IR =0)
80
V
VEBO
Emitter–base Voltage (IC =0)
7
V
I C
Collector Current
500
mA
Pto t
Total Power Dissipation at T amb
≤ 25 °C
at T case ≤ 25 °C
0.5
1.8
W
W
T st g,Tj
Storage and Junction Temperature
– 65 to 200
°C
TO-18
INTERNAL SCHEMATIC DIAGRAM
1/4


Similar Part No. - 2N720A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N720A CENTRAL-2N720A Datasheet
33Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N720A MICROSEMI-2N720A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
53Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Continental Device Indi...
2N720A CDIL-2N720A Datasheet
199Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
HIGH VOLTAGE GENERAL PURPOSE
More results

Similar Description - 2N720A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS21 FAIRCHILD-BAS21 Datasheet
47Kb / 3P
General Purpose High Voltage Diode
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
HIGH VOLTAGE GENERAL PURPOSE DIODE
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
High Voltage General Purpose Applications
MMBD1401A FAIRCHILD-MMBD1401A Datasheet
63Kb / 5P
High Voltage General Purpose Diode
FDH400 FAIRCHILD-FDH400_97 Datasheet
41Kb / 3P
High Voltage General Purpose Diode
logo
New Jersey Semi-Conduct...
2N4030 NJSEMI-2N4030 Datasheet
480Kb / 2P
GENERAL PURPOSE HIGH-VOLTAGE
logo
Fairchild Semiconductor
BAV103 FAIRCHILD-BAV103_10 Datasheet
100Kb / 3P
High Voltage, General Purpose Diode
logo
Leshan Radio Company
R1500 LRC-R1500_15 Datasheet
207Kb / 7P
General Purpose High Voltage Rectifiers
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
HIGH VOLTAGE GENERAL PURPOSE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com