Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N720A Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N720A
Description  HIGH VOLTAGE GENERAL PURPOSE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N720A Datasheet(HTML) 2 Page - STMicroelectronics

  2N720A Datasheet HTML 1Page - STMicroelectronics 2N720A Datasheet HTML 2Page - STMicroelectronics 2N720A Datasheet HTML 3Page - STMicroelectronics 2N720A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS(Tamb =25 °C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I CBO
Collector Cutoff Current
(IE =0)
VCB =90 V
10
nA
V(B R)CBO
Collector–base Breakdown
Voltage
(IE =0)
I C =100 µA
120
V
V(BR)CE O *
Collector–emitter Breakdown
Voltage
(IB =0)
I C =30 mA
80
V
V(B R)E BO
Emitter–base Breakdown
Voltage
(IE =0)
I E =100 µA7
V
I EBO
Emitter Cuttoff Current
(IE =0)
VEB =5 V
10
nA
VCE(sat)*
Collector–emitter Saturation
Voltage
I C =50 mA
I C =150 mA
I B =5 mA
I B =15 mA
1.2
5
V
V
VBE(sat)*
Base–emitter Saturation
Voltage
I C =50 mA
I C =150 mA
I B =5 mA
I B =15 mA
0.9
1.3
V
V
h FE*
DC Current Gain
I C =100
µA
I C =10 mA
I C =150 mA
VCE =10 V
VCE =10 V
VCE =10 V
20
35
40
120
h fe
High Frequency Current
Gain
I C =50 mA
f= 20 MHz
VCE = 10 V
2.5
C CBO
Collector–base Capacitance
IE =0
f = 1 MHz
VCB =10 V
15
pF
C EBO
Emitter–base Capacitance
IC =0
f = 1 MHz
VEB = 0.5 V
85
pF
* Pulsed : pulse duration = 300
µs, duty cycle = 1 %.
THERMAL DATA
Rth j-cas e
R th j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Max
Max
97.2
350
°C/W
°C/W
2N720A
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com