Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU2A877ZQL Datasheet(PDF) 11 Page - Texas Instruments

Part # CDCU2A877ZQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCU2A877ZQL Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCU2A877ZQL Datasheet HTML 7Page - Texas Instruments CDCU2A877ZQL Datasheet HTML 8Page - Texas Instruments CDCU2A877ZQL Datasheet HTML 9Page - Texas Instruments CDCU2A877ZQL Datasheet HTML 10Page - Texas Instruments CDCU2A877ZQL Datasheet HTML 11Page - Texas Instruments CDCU2A877ZQL Datasheet HTML 12Page - Texas Instruments CDCU2A877ZQL Datasheet HTML 13Page - Texas Instruments CDCU2A877ZQL Datasheet HTML 14Page - Texas Instruments CDCU2A877ZQL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
t
( )
t
( )dyn
t
( )dyn
t
( )dyn
t
( )dyn
t
( )
CDCU2A877
SCAS827A – AUGUST 2006 – REVISED JUNE 2007
Figure 11. Dynamic Phase Offset
Figure 12. Time Delay Between OE and Clock Output (Y, Y)
A.
Place the 2200-pF capacitor close to the PLL.
B.
Use a wide trace for the PLL analog power and ground. Connect PLL and capacitors to AGND trace and connect
trace to one GND via (farthest from the PLL).
C.
Recommended bead: Fair-Rite PN 2506036017Y0 or equilvalent (0.8
Ω dc maximum, 600Ω at 100 MHz).
Figure 13. Recommended AVDD Filtering
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com