Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TERM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # TERM
Description  N FEMALE 50 OHM, TERMINATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TERM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  TERM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.2 30.4
5/8-24UNEF-2A
.7 17
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: 0 - 6 GHz
VSWR: 1.5 : 1 MAX.
POWER RATING: 1 WATT
- ALL DIMENSIONS FOR REFERENCE ONLY -
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
PIN
BRASS
GOLD PLATE
DIELECTRIC
PTFE
-
SHELL
BRASS
NICKEL PLATE
RESISTOR
-
-
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ANF-TERM
A
ANF-TERM.SLDDRW
1
1
K.BURGNER
10/08/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
10/08/12
10/9/12
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
-
-
-
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
N FEMALE 50 OHM, TERMINATOR
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
10/08/12
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - TERM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TERM-250W-83N+ MINI-TERM-250W-83N+ Datasheet
331Kb / 4P
Termination
REV. OR
TERM-25W-183N MINI-TERM-25W-183N Datasheet
276Kb / 2P
Termination
TERM-25W-183N+ MINI-TERM-25W-183N+ Datasheet
276Kb / 2P
Termination
TERM-25W-183S MINI-TERM-25W-183S Datasheet
251Kb / 2P
Termination
TERM-25W-183S+ MINI-TERM-25W-183S+ Datasheet
251Kb / 2P
Termination
More results

Similar Description - TERM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
50 Ohm N Male to 75 Ohm F Female Adapter
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
50 Ohm N Male to 75 Ohm N Female Adapter
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
50 Ohm N Female to 75 Ohm N Male Adapter
PE9389 PASTERNACK-PE9389 Datasheet
251Kb / 3P
50 Ohm N Female to 75 Ohm F Male Adapter
logo
Huber+Suhner, Inc.
31_N-50-0-2133_N-1 HUBERSUHNER-31_N-50-0-2133_N-1 Datasheet
509Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, jack / jack (female / female)
31_N-50-0-51199_N HUBERSUHNER-31_N-50-0-51199_N Datasheet
494Kb / 2P
COAXIAL ADAPTER, N-precision, 50 Ohm, jack / jack (female / female)
31_N-QMA-50-11--_N HUBERSUHNER-31_N-QMA-50-11--_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, N - QMA, 50 Ohm, jack / jack (female / female)
31_N-SMC-50-11--_N HUBERSUHNER-31_N-SMC-50-11--_N Datasheet
489Kb / 2P
COAXIAL ADAPTER, N - SMC, 50 Ohm, jack / jack (female / female)
34_N-50-0-1133_U HUBERSUHNER-34_N-50-0-1133_U Datasheet
506Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, Bulkhead, jack / jack (female / female)
34_N-50-0-3133_N HUBERSUHNER-34_N-50-0-3133_N Datasheet
518Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, Bulkhead, jack / jack (female / female)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com