Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7724UB Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7724UB
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7724UB Datasheet(HTML) 2 Page - Texas Instruments

  DAC7724UB Datasheet HTML 1Page - Texas Instruments DAC7724UB Datasheet HTML 2Page - Texas Instruments DAC7724UB Datasheet HTML 3Page - Texas Instruments DAC7724UB Datasheet HTML 4Page - Texas Instruments DAC7724UB Datasheet HTML 5Page - Texas Instruments DAC7724UB Datasheet HTML 6Page - Texas Instruments DAC7724UB Datasheet HTML 7Page - Texas Instruments DAC7724UB Datasheet HTML 8Page - Texas Instruments DAC7724UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
®
DAC7724, 7725
SPECIFICATION (DUAL SUPPLY)
At TA = –40°C to +85°C, VCC = +15V, VDD = +5V, VSS = –15V, VREFH = +10V, VREFL = –10V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DAC7724N, U
DAC7724NB, UB
DAC7725N, U
DAC7725NB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error
±2
±1
LSB(1)
Linearity Matching(2)
±2
±1
LSB
Differential Linearity Error
±1
±1
LSB
Monotonicity
TMIN to TMAX
12
T
Bits
Zero-Scale Error
Code = 000H
±2
T
LSB
Zero-Scale Drift
1
T
ppm/
°C
Zero-Scale Matching(2)
±2
±1
LSB
Full-Scale Error
Code = FFFH
±2
T
LSB
Full-Scale Matching(2)
±2
±1
LSB
Power Supply Sensitivity
At Full Scale
10
T
ppm / V
ANALOG OUTPUT
Voltage Output(3)
VREFL
VREFH
TT
V
Output Current
±5
TT
mA
Load Capacitance
No Oscillation
500
T
pF
Short-Circuit Current
±20
T
mA
Short-Circuit Duration
To VSS, VCC, or GND
Indefinite
T
REFERENCE INPUT
VREFH Input Range
VREFL +1.25
+10
TT
V
VREFL Input Range
–10
VREFH – 1.25
TT
V
Ref High Input Current
–0.5
3.0
TT
mA
Ref Low Input Current
–3.5
0
TT
mA
DYNAMIC PERFORMANCE
Settling Time
To
±0.012%, 20V Output Step
8
10
TT
µs
Channel-to-Channel Crosstalk
Full-Scale Step
0.25
T
LSB
Digital Feedthrough
2
T
nV-s
Output Noise Voltage
f = 10kHz
65
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible CMOS
T
Logic Levels
VIH
IIH ≤ ±10µA
2.4
VDD +0.3
TT
V
VIL
IIL ≤ ±10µA
–0.3
0.8
TT
V
VOH
IOH = –0.8mA
3.6
VDD
TT
V
VOL
IOL = 1.6mA
0.0
0.4
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
+4.75
+5.25
TT
V
VCC
+14.25
+15.75
TT
V
VSS
–14.25
–15.75
TT
V
IDD
50
TT
µA
ICC
6
8.5
TT
mA
ISS
–8
–6
TT
mA
Power Dissipation
180
250
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
NOTES: (1) LSB means Least Significant Bit, when VREFH equals +10V and VREFL equals –10V, then one LSB equals 4.88mV. (2) All DAC outputs will match within
the specified error band. (3) Ideal output voltage, does not take into account zero or full-scale error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com