Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7724UB Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC7724UB
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7724UB Datasheet(HTML) 5 Page - Texas Instruments

  DAC7724UB Datasheet HTML 1Page - Texas Instruments DAC7724UB Datasheet HTML 2Page - Texas Instruments DAC7724UB Datasheet HTML 3Page - Texas Instruments DAC7724UB Datasheet HTML 4Page - Texas Instruments DAC7724UB Datasheet HTML 5Page - Texas Instruments DAC7724UB Datasheet HTML 6Page - Texas Instruments DAC7724UB Datasheet HTML 7Page - Texas Instruments DAC7724UB Datasheet HTML 8Page - Texas Instruments DAC7724UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
®
DAC7724, 7725
Top View
PIN CONFIGURATIONS
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1VREFH
Reference Input Voltage High. Sets maximum output voltage for all DACs.
2VOUTB
DAC B Voltage Output.
3VOUTA
DAC A Voltage Output.
4VSS
Negative Analog Supply Voltage, 0V or –15V.
5
GND
Ground.
6
RESET
Asynchronous Reset Input. Sets DAC and input registers to either mid-scale (800H, DAC7724) or zero-scale (000H, DAC7725)
when LOW.
7
LDAC
Load DAC Input. All DAC Registers are transparent when LOW.
8
DB0
Data Bit 0. Least significant bit of 12-bit word.
9
DB1
Data Bit 1
10
DB2
Data Bit 2
11
DB3
Data Bit 3
12
DB4
Data Bit 4
13
DB5
Data Bit 5
14
DB6
Data Bit 6
15
DB7
Data Bit 7
16
DB8
Data Bit 8
17
DB9
Data Bit 9
18
DB10
Data Bit 10
19
DB11
Data Bit 11. Most significant bit of 12-bit word.
20
R/W
Read/Write Control Input (read = HIGH, write = LOW).
21
A1
Register/DAC Select (C or D = HIGH, A or B = LOW).
22
A0
Register/DAC Select (B or D = HIGH, A or C = LOW).
23
CS
Chip Select Input.
24
VDD
Positive Digital Supply, +5V.
25
VCC
Positive Analog Supply Voltage, +15V nominal.
26
VOUTD
DAC D Voltage Output.
27
VOUTC
DAC C Voltage Output.
28
VREFL
Reference Input Voltage Low. Sets minimum output voltage for all DACs.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V
REFH
V
OUTB
V
OUTA
V
SS
GND
RESET
LDAC
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DB6
V
REFL
V
OUTC
V
OUTD
V
CC
V
DD
CS
A0
A1
R/W
DB11 (MSB)
DB10
DB9
DB8
DB7
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC7724
DAC7725
GND
RESET
LDAC
(LSB) DB0
DB1
DB2
DB3
5
6
7
8
9
10
11
25
24
23
22
21
20
19
V
CC
V
DD
CS
A0
A1
R/W
DB11 (MSB)
4
3
2
1
28
27
26
12
13
14
15
16
17
18
DAC7724
DAC7725
SO
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com