Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7744EB Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC7744EB
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7744EB Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC7744EB Datasheet HTML 4Page - Texas Instruments DAC7744EB Datasheet HTML 5Page - Texas Instruments DAC7744EB Datasheet HTML 6Page - Texas Instruments DAC7744EB Datasheet HTML 7Page - Texas Instruments DAC7744EB Datasheet HTML 8Page - Texas Instruments DAC7744EB Datasheet HTML 9Page - Texas Instruments DAC7744EB Datasheet HTML 10Page - Texas Instruments DAC7744EB Datasheet HTML 11Page - Texas Instruments DAC7744EB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
®
DAC7744
TYPICAL PERFORMANCE CURVES: VSS = 0V (Cont.)
At TA = +25°C, VDD = +5V, VCC = +15V, VSS = 0, VREFH = +10V, and VREFL = 0V, representative unit, unless otherwise specified.
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
Temperature (
°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
ZERO-SCALE ERROR vs TEMPERATURE
DAC A
DAC D
DAC B
DAC C
Code (0040
H)
Code (0021
H)
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
Temperature (
°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC D
DAC B
DAC C
Code (FFFF
H)
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
CURRENT vs CODE
All DACS Sent to Indicated Code
(DAC C and D)
V
REFH
V
REFL
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Digital Input Code
0
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000
H
FFFF
H
POSITIVE SUPPLY CURRENT
vs DIGITAL INPUT CODE
No Load
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
CURRENT vs CODE
All DACs Sent to Indicated Code
(DAC A and B)
V
REFH
V
REFL
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
Temperature (
°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
POWER SUPPLY CURRENT vs TEMPERATURE
I
CC
I
DD
Data = FFFF
H (all DACs)
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com