Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7744EB Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7744EB
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7744EB Datasheet(HTML) 1 Page - Texas Instruments

  DAC7744EB Datasheet HTML 1Page - Texas Instruments DAC7744EB Datasheet HTML 2Page - Texas Instruments DAC7744EB Datasheet HTML 3Page - Texas Instruments DAC7744EB Datasheet HTML 4Page - Texas Instruments DAC7744EB Datasheet HTML 5Page - Texas Instruments DAC7744EB Datasheet HTML 6Page - Texas Instruments DAC7744EB Datasheet HTML 7Page - Texas Instruments DAC7744EB Datasheet HTML 8Page - Texas Instruments DAC7744EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
DAC7744
16-Bit, Quad Voltage Output
DIGITAL-TO-ANALOG CONVERTER
®
DAC7744
DESCRIPTION
The DAC7744 is a 16-bit, quad voltage output digital-
to-analog converter with guaranteed 16-bit monotonic
performance over the specified temperature range. It
accepts 16-bit parallel input data, has double-buffered
DAC input logic (allowing simultaneous update of all
DACs), and provides a readback mode of the internal
input registers. Programmable asynchronous reset
clears all registers to a mid-scale code of 8000
H or to
a zero-scale of 0000
H. The DAC7744 operates from
either a single +15V supply or from a +15V, –15V,
and +5V supply.
Low power and small size per DAC make the DAC7744
ideal for automatic test equipment, DAC-per-pin pro-
grammers, data acquisition systems, and closed-loop
servo-control. The DAC7744 is available in a 48-
lead SSOP package, and offers guaranteed specifica-
tions over the –40
°C to +85°C temperature range.
FEATURES
q LOW POWER: 200mW
q UNIPOLAR OR BIPOLAR OPERATION
q SINGLE-SUPPLY OUTPUT RANGE: +10V
q DUAL SUPPLY OUTPUT RANGE:
±10V
q SETTLING TIME: 10
µs to 0.003%
q 16-BIT MONOTONICITY: –40
°C to +85°C
q PROGRAMMABLE RESET TO MID-SCALE
OR ZERO-SCALE
q DATA READBACK
q DOUBLE-BUFFERED DATA INPUTS
APPLICATIONS
q PROCESS CONTROL
q ATE PIN ELECTRONICS
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
q DAC-PER-PIN PROGRAMMERS
© 1999 Burr-Brown Corporation
PDS-1534A
Printed in U.S.A. November, 1999
DAC7744
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other product
information, visit www.burr-brown.com
DAC A
DAC
Register A
Input
Register A
DAC7744
I/O
Buffer
Control
Logic
DAC B
DAC
Register B
Input
Register B
DAC C
DAC
Register C
Input
Register C
DAC D
DAC
Register D
Input
Register D
VREFL AB VREFH AB
VREFH
AB Sense
VREFL
AB Sense
VOUTD
VOUTC
VOUTB
VOUTA
VOUTB Sense
VREFL CD VREFH CD
RST
LOADDACs
A1
A0
CS
R/W
DATA I/O
16
RSTSEL
AGND
DGND
VOUTC Sense
VOUTD Sense
VOUTA Sense
VCC
VSS
VDD
VREFL
CD Sense
VREFH
CD Sense
SBAS120


Similar Part No. - DAC7744EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7744EB BURR-BROWN-DAC7744EB Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7744EB TI1-DAC7744EB Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744EB/1K TI1-DAC7744EB/1K Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744EBG4 TI1-DAC7744EBG4 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7744EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com