Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTB3C1 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ACTB3C1
Description  Automotive Relays TB RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTB3C1 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ACTB3C1 Datasheet HTML 1Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 2Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 3Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 4Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 5Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 6Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 7Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 8Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Automotive Relays TB RELAYS
Specifications
Item
Specifications
Contact data
Contact arrangement
1 Form A, 1 Form C, 1 Form C x 2
Contact resistance
(initial)
Max. 50 mΩ (N.O. side: typ. 3 mΩ, N.C. side: typ. 4 mΩ) (by voltage drop 1 A 6 V DC)
Contact material
Ag alloy
Rated switching
capacity (resistive)
N.O. side: 20 A 14 V DC, N.C. side: 10 A 14 V DC
Max. carrying current
(initial)*1
25 A/10 min (coil applied voltage 12 V DC, at 20°C)
Min. switching load
(resistive)*2
1 A 14 V DC (at 20°C)
Insulated resistance (initial)
Min. 100 MΩ (at 500 V DC, Measurement at same location as “Dielectric strength” section.)
Dielectric
strength (initial)
Between open contacts 500 Vrms for 1 min. (detection current: 10 mA)
Between contacts and
coil
500 Vrms for 1 min. (detection current: 10 mA)
Time
characteristics
(initial)
Operate (Set) time
(at rated voltage)
Max. 10 ms (at 20°C, without contact bounce time)
Release (Reset) time
(at rated voltage)
Max. 10 ms (at 20°C, without contact bounce time) (without diode)
Shock
resistance
Functional
Min. 100 m/s2 (approx. 10 G) (half-wave pulse of sine wave: 11 ms, detection time: 10 µs)
Destructive
Min. 1,000 m/s2 (approx. 100 G) (half-wave pulse of sine wave: 6 ms)
Vibration
resistance
Functional
10 to 100 Hz, Min. 44.1 m/s2 (approx. 4.5 G) (detection time: 10 µs)
Destructive
10 to 500 Hz, Min. 44.1 m/s2 (approx. 4.5 G)
Time of vibration for each direction; X, Y direction: 2 hours, Z direction: 4 hours
Expected life
Mechanical
Min. 107 (at 120 times/min)
Electrical
Standard
type
<Resistive load> Min. 105 at rated switching capacity
operating frequency: ON 1 s, OFF 9 s
<Motor load>
Min. 105 at 25 A 14 V DC at motor lock
operating frequency: ON 0.5 s, OFF 9.5 s
Lamp
control
type*4
<Lamp load>
Min. 105 at 56 A (inrush), 8 A (steady) 14 V DC
operating frequency: ON 1 s, OFF 14 s
Conditions
Conditions for usage,
transport and storage*3
Standard type
Ambient temperature: -40 to +85°C, Humidity: 5 to 85% RH
High heat-resistant type/Pin in Paste compliant type Ambient temperature: -40 to +110°C, Humidity: 2 to 85% RH
(Avoid icing and condensation)
Unit weight
Single type: approx. 5 g, Twin type: approx. 9.5 g
Notes: *1.Depends on connection conditions. Also, this does not guarantee repeated switching. We recommend that you confirm operation under actual conditions.
*2.This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load.
*3.The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. For details, please refer to the “Automotive
Relay Users Guide”.
Please inquire our sales representative if you will be using the relay in a high temperature atmosphere (110°C).
*4.Part numbers for electric discharge lamp loads or any other lamp loads and for capacitor loads only consist of “ACTB*L**”.
When using the lamp control type, connect N.O. to the “+ (plus)” side. Please inquire our sales representative for details.
* If the relay is used continuously for long periods of time with coils on both sides in an energized condition, breakdown might occur due to abnormal heating depending on the
carrying condition. Therefore, please inquire our sales representative when using with a circuit that causes an energized condition on both sides simultaneously.
REFERENCE DATA
1.-(1)Coil temperature rise
(at room temperature)
12
10
14
16
18
140
160
180
120
100
80
60
20
40
0
20 A
10 A
0 A
Sample: ACTB32, 3 pcs.
Carrying current: 0 A, 10 A, 20 A
Ambient temperature: Room temperature
Coil applied voltage, V
1.-(2)Coil temperature rise
(at 85°C)
12
10
14
16
18
140
160
180
120
100
80
60
20
40
0
20 A
10 A
0 A
Sample: ACTB32, 3 pcs.
Carrying current: 0 A, 10 A, 20 A
Ambient temperature: 85°C
Coil applied voltage, V
2.Ambient temperature and usable voltage
range
Sample: ACTB32
-40
-20
20
40
60
80
120
100
0
0
5
10
20
15
Operate voltage ( Cold start )
Ambient temperature, °C
Usable voltage range
ASCTB95E 202204
Panasonic Industry Co., Ltd. 2022
ー 3 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com