Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTB3C1 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ACTB3C1
Description  Automotive Relays TB RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTB3C1 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ACTB3C1 Datasheet HTML 4Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 5Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 6Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 7Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 8Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 9Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 10Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 11Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Automotive Relays TB RELAYS
T1
T3
T2
t1
t2
t3
t1=60 to 120 s
t2=Less than 30 s
t3=Less than 5 s
T1=150 to 180°C
T2=230°C or more
T3=Less than 250°C
1) Cautions for mounting
(1) The temperature profile shows the temperature at the
soldering portion on the PC board surface.
(2) Depending on the mounting density condition, reflow heating
method, and PC board type (metal etc.), the relay’s exterior
and interior temperature may become extremely high.
Therefore, please confirm well under the actual use condition
before use.
2) The other cautions of reflow soldering
(1) When soldering condition is out of recommendation, the
relay performance may be adversely affected. If soldering
conditions are out of our recommendation, please inquire our
sales representative before operation.
(2) Please check the effect at the actual soldering because
heat stress to relay is changed by PC board type and
manufacturing process condition
(3) Solder creepage, wettability or soldering strength will be
affected by the mounting condition or soldering material.
Please check the actual production condition in detail.
(4) Do not wash the relay as failures may occur.
(5) This product is not plastic sealed type. Please perform
coating with sufficient attention to avoid infiltration of the
solvent to the inside. Also, please pay careful attention to use
and store them with no contamination of foreign material.
Mounting and cleaning conditions for Pin in Paste
compliant type
When soldering this relay, please observe the following
conditions.
[I.R.S method (recommended)]
(Recommended number of reflows 1 time)
Please refer to
"the latest product specifications"
when designing your product.
•Requests to customers:
https://industrial.panasonic.com/ac/e/salespolicies/
ASCTB95E 202204
Panasonic Industry Co., Ltd. 2022
ー 10 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com