Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0800680 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0800680
Description  EMLF (85X32)R SR - Label, highly flexible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800680 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0800680 Datasheet HTML 1Page - PHOENIX CONTACT 0800680 Datasheet HTML 2Page - PHOENIX CONTACT 0800680 Datasheet HTML 3Page - PHOENIX CONTACT 0800680 Datasheet HTML 4Page - PHOENIX CONTACT 0800680 Datasheet HTML 5Page - PHOENIX CONTACT 0800680 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, highly flexible, Roll, silver, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600
(D), THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive,
Number of individual labels: 250, text field height: 32 mm, text field width: 85 mm
Your advantages
EMLF labels consists of soft, highly flexible PVC film that molds itself to uneven surfaces
•
Outdoor-durable for up to 8 years when subject to a temperature range of -40 °C ... 90 °C
•
Extremely high-quality appearance
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Labeling service: Phoenix Contact can custom-label all EMLF ... markers according to your requirements
•
Commercial data
Item number
0800680
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG16
Product key
BG2411
GTIN
4046356616485
Weight per piece (including packing)
225.6 g
Weight per piece (excluding packing)
33.33 g
Customs tariff number
39269097
Country of origin
DE
EMLF (85X32)R SR - Label, highly flexible
0800680
https://www.phoenixcontact.com/us/products/0800680
Jun 23, 2025, 4:19AM
Page 1 (6)


Similar Part No. - 0800680

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800682 PHOENIX-0800682 Datasheet
174Kb / 4P
AFD-3 - Alignment tool for cable markers
0800687 PHOENIX-0800687 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50
09/11/2020
More results

Similar Description - 0800680

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804197 PHOENIX-0804197 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R BU
0804198 PHOENIX-0804198 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R RD
0804199 PHOENIX-0804199 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R OG
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803941 PHOENIX-0803941 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 YE/BK
0803942 PHOENIX-0803942 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX12)R C1 YE/BK
0803943 PHOENIX-0803943 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 YE/BK
0803958 PHOENIX-0803958 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 OG/BK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com