Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0800680 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0800680
Description  EMLF (85X32)R SR - Label, highly flexible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800680 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0800680 Datasheet HTML 1Page - PHOENIX CONTACT 0800680 Datasheet HTML 2Page - PHOENIX CONTACT 0800680 Datasheet HTML 3Page - PHOENIX CONTACT 0800680 Datasheet HTML 4Page - PHOENIX CONTACT 0800680 Datasheet HTML 5Page - PHOENIX CONTACT 0800680 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Device marking
Product property
Highly flexible
Marking
Number of individual labels
250
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Mounting
Mounting type
adhesive
Material specifications
Foil strength
50 µm
Adhesive
Acrylic
Color
silver
Material
PVC
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Specification
IEC 60068-2-2:2007-07
Result
Test passed
Procedure
Test Bb
Duration
96 h
EMLF (85X32)R SR - Label, highly flexible
0800680
https://www.phoenixcontact.com/us/products/0800680
Jun 23, 2025, 4:19AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com