Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06APMR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S06APMR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06APMR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S06APMR Datasheet HTML 8Page - STMicroelectronics ST1S06APMR Datasheet HTML 9Page - STMicroelectronics ST1S06APMR Datasheet HTML 10Page - STMicroelectronics ST1S06APMR Datasheet HTML 11Page - STMicroelectronics ST1S06APMR Datasheet HTML 12Page - STMicroelectronics ST1S06APMR Datasheet HTML 13Page - STMicroelectronics ST1S06APMR Datasheet HTML 14Page - STMicroelectronics ST1S06APMR Datasheet HTML 15Page - STMicroelectronics ST1S06APMR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical performance characteristics
ST1S06
12/19
Figure 21.
PMOS Switch on resistance vs
temperature
Figure 22.
Inhibit transient
VI = 5V, VINH = 0 to 2V, IO = 1.5A
Figure 23.
Inhibit transient
VI = 5V, VINH = 0 to 2V, IO = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com