Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS-12-80 Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # MTS-12-80
Description  MT SUBMINIATURE ROTARY SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

MTS-12-80 Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  MTS-12-80 Datasheet HTML 1Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7At England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk
1
GENERAL ELECTRICAL &
MECHANICAL SPECIFICATION
GENERAL FEATURES
LONG SPINDLE
SCREWDRIVER SLOT
SHORT SPINDLE
SCREWDRIVER SLOT
ORDERING CODES
•
Moulded 9.2mm diameter TO-5
Rotary Switch
•
45º Indexing, positive action
•
6.4mm mounted height above
PCB
•
1 Pole up to 7 positions +
“OFF”
•
Gold plated terminals and
contacts for low power
switching
ROTATION
NUMBER OF
POSITIONS
TRAVEL
PART NUMBER
(short spindle)
PART NUMBER
(long spindle)
ROTATION NUMBER OF POSITIONS TRAVEL
PART NUMBER
(short spindle)
PART NUMBER
(long spindle)
No Stop
Continuous
Rotation
OFF, 1,2,3,4,5,6,7
360º
MTS-11-10
MTL-21-10
NOTE: start position is 45°
clockwise different from
MTS-11 & MTS-21 types
OFF, 1,2,3,4,5,6,7
315º
MTS-11-80
MTL-21-80
1,2,3,4,5,6,7,OFF
315º
MTS-12-80
MTL-22-80
OFF, 1,2,3,4,5,6
270º
MTS-11-70
MTL-21-70
1,2,3,4,5,6,7
270º
MTS-12-70
MTL-22-70
OFF, 1,2,3,4,5
225º
MTS-11-60
MTL-21-60
1,2,3,4,5,6
225º
MTS-12-60
MTL-22-60
OFF, 1,2,3,4
180º
MTS-11-50
MTL-21-50
1,2,3,4,5
180º
MTS-12-50
MTL-22-50
OFF, 1,2,3
135º
MTS-11-40
MTL-21-40
1,2,3,4
135º
MTS-12-40
MTL-22-40
OFF,1, 2
90º
MTS-11-30
MTL-21-30
1,2,3
90º
MTS-12-30
MTL-22-30
“OFF” In
Extreme Anti-
Clockwise
Position
(Position 1)
OFF, 1
45º
MTS-11-20
MTL-21-20
“OFF” in
Extreme
Clockwise
position
(position 8)
1,2,
45º
MTS-12-20
MTL-22-20
Switch Ratings:
500mA @ 24Vac/dc
Life:
Up to 5,500 Cycles
Operating Temperature:
-20ºC to +65 ºC
Proof Voltage:
500Vac (Initial)
Insulation Resistance:
>999 M at 500Vdc (Initial)
Contact Resistance:
<50 m (Initial)
<100 m after operating life
Indexing Angle:
45º/ position – 8 position max.
Rotational Torque:
3.2+/-0.5 cNm (nominal)
End Stop Torque:
20cNm (nominal)
Base:
LCP
Spindle:
Nylon 6/6
Housing:
Nylon 6/6
Terminals:
Brass Au Plated
MT SUBMINIATURE ROTARY SWITCH
RoHS COMPLIANT


Similar Part No. - MTS-12-80

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MTS-11-10 LORLIN-MTS-11-10 Datasheet
560Kb / 2P
MT SUBMINIATURE ROTARY SWITCH
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
MTS-18-12B+ MINI-MTS-18-12B+ Datasheet
327Kb / 2P
Transfer Switch
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
MTS-18XL-B MINI-MTS-18XL-B Datasheet
308Kb / 2P
Transfer Switch
More results

Similar Description - MTS-12-80

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
logo
List of Unclassifed Man...
DRR4010 ETC2-DRR4010 Datasheet
217Kb / 2P
Subminiature Rotary Coded Switches
DC3C-A1AA ETC2-DC3C-A1AA Datasheet
595Kb / 4P
DC subminiature switch
logo
Cherry Semiconductor Co...
E63-00K CHERRY-E63-00K Datasheet
771Kb / 3P
SUBMINIATURE Switch Modules
DCJK CHERRY-DCJK Datasheet
342Kb / 2P
subminiature switch
logo
C&K Components
RM-SERIES CK-COMPONENTS-RM-SERIES Datasheet
496Kb / 3P
Subminiature Rotary Switches
RM CK-COMPONENTS-RM Datasheet
228Kb / 3P
Subminiature Rotary Switches
2018
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
MTS-11-10 LORLIN-MTS-11-10 Datasheet
560Kb / 2P
MT SUBMINIATURE ROTARY SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com