Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2938CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938CS
Description  500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2938CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS2938
500mA Ultra Low Dropout Voltage Regulator
with Inhibit Function
3/7
Version: A07
Electrical Characteristics (Continue)
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
Specifications and test conditions see the Electrical Characteristics.
Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%).
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the junction
to ambient thermal resistance, θja, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of θja can be reduced by using a heatsink.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current.
Note 6: Output current will decrease with increasing temperature, but it will be not dropped below 500mA at the
maximum specified temperature.
Application Circuit
Fixed Output Voltage Type
Adjustable Output Voltage Type



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com