Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2938CS Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938CS
Description  500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CS Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2938CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS2938
500mA Ultra Low Dropout Voltage Regulator
with Inhibit Function
5/7
Version: A07
Application Information (Continue)
Thermal Characteristics
A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of the
application. Under all possible operating conditions, the junction temperature must be within the range specified
under absolute maximum ratings. To determine if the heatsink is required, the power dissipated by the regulator, PD
must be calculated.
The below formula shows the voltages and currents for calculating the PD in the regulator:
IIN = IL / IG
PD = (VIN-VOUT) * IL + (VIN) * IG
Ex. PD = (3.3V-2.5V) * 0.5A + 3.3V * 11mA
= 400mW + 36mW
= 436mW
The next parameter which must be calculated the maximum allowable temperature rise.
TR(max) is calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction temperature, which is 125
oC for commercial grade parts. TA(max)
is the maximum ambient temperature which will be encountered in the application.
Using the calculated values for TA(max) and PD, the maximum allowable value for the junction to ambient thermal
resistance, θJA, can now be found:
θJA = TR(max) / PD
Inhibit Input
TS2938 feature an active-low (Inhibit) input that allows ON/OFF control of the regulator. The Inhibit input has
TTL/CMOS compatible thresholds for simple interfacing with logic interfacing. Inhibit should be directly tied to
Ground or keep open (not connected).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com