Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39101CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39101CS
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39101CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39101CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39101CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39101CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39101CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39101CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39101CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39101CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39101CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39101CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS39100/1/2/3/4/5
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
1/13
Version: B07
SOT-223
TO-252
(DPAK)
SOP-8
TO-252-5L
(PPAK)
General Description
The TS39100/1/2/3/4/5 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current
output from an extremely small package. These regulators offers extremely low dropout (typically 400mV at 1A) and
very low ground current (typically 12mA at 1A).
The TS39100/1/2/3/4/5 are fully protected against over current faults, reversed input polarity, reversed lead
insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable control and
error flag which signals whenever the output falls out of regulation.
On the TS39100/1/2/3/4/5, the enable pin may be tied to Vin if it is not required for enable control.
Features
●
Dropout voltage typically 0.4V @Io=1.0A
●
Output Current up to 1A
●
Low Ground Current
●
Extremely Fast Transient Response
●
Reversed Leakage & Reverse Battery Protection
●
Error Flag Signals Output (TS39101 only)
●
Current Limit & Thermal Shutdown Protection
Application
●
ULDO Linear Regulator for PC add-in Cards
●
PowerPC
TM Power Supplies
●
Battery Powered Equipment
●
Consumer and Personal Electronics
●
High Efficiency Linear Power Supplies
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Post Regulator for Switching Supply
●
Portable Application
●
Low-Voltage microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS39100CWxx RP
SOT-223
2.5Kpcs / 13” Reel
TS39100CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS39101CSxx RL
SOP-8
2.5Kpcs / 13” Reel
TS39102CS RL
SOP-8
2.5Kpcs / 13” Reel
TS39103CP5xx RO
TO-252-5L
2.5Kpcs / 13” Reel
TS39104CS RL
SOP-8
2.5Kpcs / 13” Reel
TS39105CP5xx RO
TO-252-5L
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
12=1.24V
15=1.5V
18=1.8V
25=2.5V
33=3.3V
50=5.0V
Leave blank for adjustable version (TS39103)
Contact to factory for addition output voltage option.
Pin Definition:
TS39100CWxx
1. Input
2. Ground (tab)
3. Output
Pin Definition:
TS39101CSxx
TS39102CS
TS39104CS
1. Enable
1. Enable
1. Enable
2. Input
2. Input
2. Input
3. Output
3. Output
3. Feedback
4. Flag
4. Feedback
4. Output
5.6.7.8. Ground
5.6.7.8. Ground
5.6.7.8. Ground
Pin Definition:
TS39100CPxx
1. Input
2. Ground (tab)
3. Output
Pin Definition:
TS39103CP5xx
1. Enable
2. Input
3. Ground (tab)
4. Output
5. Flag / Feedback
Pin Definition:
TS39105CP5xx
1. Input
2. Enable
3. Output (tab)
4. N/C
5. Ground


Similar Part No. - TS39101CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39101CS TSC-TS39101CS Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS05 TSC-TS39101CS05 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS1.5 TSC-TS39101CS1.5 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS1.8 TSC-TS39101CS1.8 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS15 TSC-TS39101CS15 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS39101CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39101 TSC-TS39101 Datasheet
568Kb / 9P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103 Datasheet
425Kb / 8P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM50 TSC-TS39300CM50 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com