Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4268CS50 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4268CS50
Description  180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4268CS50 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4268CS50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary
TS4268
180mA Ultra Low Dropout Voltage Regulator
with Reset & Watchdog Function
3/7
Version: Preliminary
Absolute Maximum Ratings
Parameter
Symbol
min.
max.
Unit
Notes
Input
Input voltage
Vin
-30
45
V
Input current
Iin
Internally limited
Reset Output
Voltage
Vres
-0.3
7
V
Current
Ires
Internally limited
Reset Delay
Voltage
VRD
-0.3
7
V
Current
IRD
Internally limited
Watchdog
Watchdog input
Vwi
-0.3
7
V
Reset Input
Reset threshold
VRT
-0.3
7
V
Output
Output voltage
Vout
-0.3
7
V
Output current
Iout
Internally limited
Ground
Current
Iq
-100
50
mA
Temperatures
Junction temperature
Tj
-40
150
Storage temperature
Tstg
-50
150
°C
Operation Range
Parameter
Symbol
min.
max.
Unit
Notes
Input voltage
Vin
--
45
Junction temperature
Tj
-40
150
°C
Thermal Resistance
Parameter
Symbol
min.
max.
Unit
Notes
Junction to ambient (soldered)
Rθja
--
185
(note 1)
Junction pin
Rθjp
--
72
°C/W
(note 2)
1. Package mounted on PCB 80 x 80 x 1.5mm3, footprint only, zero airflow.
2. Measure to pin 2
Operation at up to the maximum junction temperature of 150°C is possible in principle. Note, however, operation at the
maximum permitted rating could be affected the reliability of the device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com