Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4268CS50 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS4268CS50
Description  180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4268CS50 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS4268CS50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4268CS50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary
TS4268
180mA Ultra Low Dropout Voltage Regulator
with Reset & Watchdog Function
5/7
Version: Preliminary
Test Circuit
Reset Timing
The power-on reset delay time is defined by charging time of an external capacitor CD which can be calculated as
follow:
CD = ( ∆trd x ID,C ) / ∆V
Definitions:
CD = delay capacitor
∆trd = delay time
ID,C = charge current, typical 12uA
∆V = VDU, typical 1.8 V
VDU = upper delay switching threshold at CD for reset delay time
The reset reaction time trr is the time it takes the voltage regulator to set the reset out LOW after the output voltage has
dropped below the reset threshold. It is typically 1uS for delay capacitor of 47nF. For other values for CD the reaction
time can be estimated using the following equation:
Trr ≈ 20 s/F x CD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com