Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R04A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH1R04A
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH1R04A Datasheet HTML 6Page - STMicroelectronics STTH1R04A Datasheet HTML 7Page - STMicroelectronics STTH1R04A Datasheet HTML 8Page - STMicroelectronics STTH1R04A Datasheet HTML 9Page - STMicroelectronics STTH1R04A Datasheet HTML 10Page - STMicroelectronics STTH1R04A Datasheet HTML 11Page - STMicroelectronics STTH1R04A Datasheet HTML 12Page - STMicroelectronics STTH1R04A Datasheet HTML 13Page - STMicroelectronics STTH1R04A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
대
EVSPIN32F0251S1
Bill of material
Reference
Part Value
Description
Package
Manufacturer
Part Number
J6
STRIP 1x2
Strip connector 2 pos,
2.54mm
1x2 pins
Wurth Elektronik
61300211121
J8
Closed
Strip connector 2 pos,
2.54mm
1x2 pins
Wurth Elektronik
61300211121
LD1.LD2
Yellow
Yellow LED
Size 0603
Wurth Elektronik
150060YS75000
LD3
Red
Red LED
Size 0603
Wurth Elektronik
150060RS75000
LD5
Red-green
LED indicators, PLCC-4 red/
yellow green
PLCC4
Avago
HSMF-A201-A00J1
LD4
Green
Green LED
Size 0805
Wurth Elektronik
150080GS75000
L1
330uH
SMD Power inductors for
Automotive/lndustrial
applications
TAIYO YUDEN
EST1060T331MDGA
NTC1
5R
NTC thermistors for inrush
current limiting
Pitch 5.08
mm
TDK
B57235S0509M000
Q1.Q3.Q4, Q6,
Q7, Q9
STD17NF25
N-channel 250V, 0.140 0
typ., 17A STripFET™ II
Power MOSFETs
DPAK
STMicroelectronics
STD17NF25
Q1A.Q3A, Q4A,
Q6A, Q7A, Q9A
N.M.
N-channel Power MOSFET
PowerFLAT
6x5
STMicroelectronics
Q10
BC847
General
purpose_45V_100mA_225m
W
SOT23
ON
SEMICONDUCTO
R
BC847BL
Q11
3STF1640
Low voltage high
performance NPN power
transistor
SOT-89
STMicroelectronics
3STF1640
RV1
N.M.
Varistor
Pitch 2.3x7.5
mm
R1,R15,R35
27R
SMT resistor
Size 0805
R2.R10, R16,
R27, R40, R49
10R
SMT resistor
Size 0805
R3,R13, R18,
R30, R42, R56
100R
SMT resistor
Size 0805
R5,R14,R19,
R31, R44, R57,
R99, R100,
R106
100k
SMT resistor
Size 0603
R6.R21, R45
56k
SMT resistor
Size 1206
R8,R22,R47
39k
SMT resistor
Size 1206
R12.R28, R53,
R68, R70, R71
1.8k
SMT resistor
Size 0603
R23
100k
Square trim pot trimming
potentiometer
3386P
BOURNS
3386P-1-104-LF
R25.R51, R52,
R63, R64, R65,
R84, R97, R110
10k
SMT resistor
Size 0603
R26.R29, R58,
R59, R73, R89,
R91, R93, R95
OR
SMT resistor
Size 0603
R32
47k
SMT resistor
Size 0603
R33
63.4k
SMT resistor
Size 0603
DB3976 - Rev 1
)age 10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com