Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R04A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTH1R04A
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTH1R04A Datasheet HTML 7Page - STMicroelectronics STTH1R04A Datasheet HTML 8Page - STMicroelectronics STTH1R04A Datasheet HTML 9Page - STMicroelectronics STTH1R04A Datasheet HTML 10Page - STMicroelectronics STTH1R04A Datasheet HTML 11Page - STMicroelectronics STTH1R04A Datasheet HTML 12Page - STMicroelectronics STTH1R04A Datasheet HTML 13Page - STMicroelectronics STTH1R04A Datasheet HTML 14Page - STMicroelectronics STTH1R04A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
대
EVSPIN32F0251S1
Bill of material
Reference
Part Value
Description
Package
Manufacturer
Part Number
R34.R36, R111
75m-2W-1%
SMT resistor
Size 2512
R38.R118,
R119, R120
1k
SMT resistor
Size 0603
R39.R74, R75,
R76, R98, R104
N.M.
SMT resistor
Size 0603
R41.R55
3k
SMT resistor
Size 0603
R48
39k
SMT resistor
Size 0603
R54.R66, R79,
R85, R96,
R101, R102,
R112, R113,
R114
100R
SMT resistor
Size 0603
R60
33k
SMT resistor
Size 0603
R61
10M
SMT resistor
Size 0603
R62.R77
120R
SMT resistor
Size 0603
R67.R69
470k
SMT resistor
Size 1206
R72
N.M.
NTC resistor
Size 0805
R81.R88, R92,
R94
4.7k
SMT resistor
Size 0603
R78
27k
SMT resistor
Size 0805
R80
68k
SMT resistor
Size 0805
R82
330R
SMT resistor
Size 0603
R83
1.5k
SMT resistor
Size 1206
R86
1.5k
SMT resistor
Size 0603
R87
36k
SMT resistor
Size 0603
R90.R109
2.7k
SMT resistor
Size 0603
R103
OR
SMT resistor
Size 0603
R105
15k
SMT resistor
Size 0603
R107
8.66k
SMT resistor
Size 0603
R108
OR
SMT resistor
Size 0805
R115.R116,
R117
1M
SMT resistor
Size 0603
R121
8K2
SMT resistor
Size 0603
SW1 ,SW2, SW3
4304830258
16
Tactile switches - 6x6 J-bend
SMT
Wurth Elektronik
430483025816
TP1
TPHIN1
Test point - PCB 1mm
diameter
Copper pad
TP2
TPHIN2
Test point - PCB 1mm
diameter
Copper pad
TP3
TPHIN3
Test point - PCB 1mm
diameter
Copper pad
TP4.TP7, TP14,
TP17, TP18,
TP19, TP20,
TP21, TP22,
TP23, TP24,
TP25
N.M.
TP for probe
Diam. 1.27,
Hole 0.8mm
DB3976 - Rev 1
page 11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com