Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5213 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS5213
Description  80mA Low Noise LDO Voltage Regulator with Enable Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS5213 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS5213
80mA Low Noise LDO Voltage Regulator
with Enable Function
5/8
Version: B07
Electrical Characteristics Curve
Figure 1. Output Voltage vs. Input Voltage
Figure 2. Ground Current vs. Output Current
Figure 3. Dropout Voltage vs. Output Current
Figure 4. Short Circuit Current vs. Input Voltage
Figure 5. Ripple Rejection vs. Frequency
Figure 6. Ripple Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com